Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY20118A Datasheet (PDF) - Silergy Corp.

SY20118A Datasheet PDF - Silergy Corp.
Part # SY20118A
Download  SY20118A Download
File Size   1230.7 Kbytes
Page   15 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description High-Efficiency, 1MHz, 4A Synchronous Step-Down Regulator

SY20118A Datasheet (PDF)

Go To PDF Page Download Datasheet
SY20118A Datasheet PDF - Silergy Corp.

Part # SY20118A
Download  SY20118A Click to download

File Size   1230.7 Kbytes
Page   15 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description High-Efficiency, 1MHz, 4A Synchronous Step-Down Regulator

SY20118A Datasheet (HTML) - Silergy Corp.


SY20118A Product details

General Description
The SY20118A high-efficiency 1MHz synchronous
step-down DC/DC regulator operates over a wide
input voltage range of 2.5V to 5.5V, and can deliver
an output current up to 4A with a low quiescent
current of 55μA. It integrates a main switch and a
synchronous switch with very low RDS(ON) to
minimize conduction loss. The 1MHz switching
frequency allows for low output-voltage ripple, as
well as small external inductor and capacitor values.
The SY20118A is highly integrated, so only the
input and output capacitors, inductor, and feedback
resistors need to be selected for the targeted
application specifications.
The SY20118A is available in a compact DFN2×2-
8 package.

Features
● 2.5V to 5.5V Input Voltage Range
● Up to 4A Output Current
● Low RDS(ON) for Internal Switches: 85mΩ
Top, 60mΩ Bottom
● Low 55μA Quiescent Current
● High 1MHz Switching Frequency Minimizes
Required External Components
● Internal Soft-Start Limits the Inrush Current
● 100% Dropout Operation
● Power-Good Indicator
● Hiccup Mode for Short-Circuit Protection
● Output Auto-Discharge Function
● RoHS-Compliant and Halogen-Free
● Compact Package: DFN2X2-8

Applications
● Set-Top Box
● USB Dongle
● Media Player
● Smartphone




Similar Part No. - SY20118A

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY20466 SILERGY-SY20466 Datasheet
1Mb / 15P
1.8V Minimum Input, 5.5V Maximum Output, 6A Peak-Current Synchronous Boost Converter with Output Disconnect
Rev.1.0
SY20466A SILERGY-SY20466A Datasheet
1Mb / 15P
8V Minimum Input, 5.5V Maximum Output, 6A Peak-Current Synchronous Boost Converter with Output Disconnect
Rev.1.0
SY20466AQMC SILERGY-SY20466AQMC Datasheet
1Mb / 15P
1.8V Minimum Input, 5.5V Maximum Output, 6A Peak-Current Synchronous Boost Converter with Output Disconnect
Rev.1.0
SY20466QMC SILERGY-SY20466QMC Datasheet
1Mb / 15P
1.8V Minimum Input, 5.5V Maximum Output, 6A Peak-Current Synchronous Boost Converter with Output Disconnect
Rev.1.0
SY20518 SILERGY-SY20518 Datasheet
1Mb / 15P
High Efficiency, 1MHz, 2A, Buck-Boost DC/DC Regulator
Rev.1.0
More results


Similar Description - SY20118A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8078A RICHTEK-RT8078A Datasheet
176Kb / 12P
4A, 1MHz, Synchronous Step-Down Converter
logo
Global Mixed-mode Techn...
G5172 GMT-G5172 Datasheet
251Kb / 2P
High Efficiency, 4A Output, Synchronous Step Down
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
logo
Silergy Corp.
SY8003 SILERGY-SY8003 Datasheet
858Kb / 10P
High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
FP6382 FITIPOWER-FP6382 Datasheet
981Kb / 13P
Dual High Efficiency 1MHz/1.5MHz 1A Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE7238N ACE-ACE7238N Datasheet
199Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.2
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com