Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPTMP75 Datasheet (PDF) - 3PEAK INC.

TPTMP75 Datasheet PDF - 3PEAK INC.
Part # TPTMP75
Download  TPTMP75 Download
File Size   1169.61 Kbytes
Page   20 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description Digital Output Temperature Sensor with I2C and SMBus Interface

TPTMP75 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPTMP75 Datasheet PDF - 3PEAK INC.

Part # TPTMP75
Download  TPTMP75 Click to download

File Size   1169.61 Kbytes
Page   20 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description Digital Output Temperature Sensor with I2C and SMBus Interface

TPTMP75 Datasheet (HTML) - 3PEAK INC.


TPTMP75 Product details

Features
• Accuracy
– to ±1℃ (typical) from −40 ℃ to + 125 ℃
• Address
– Supports up to 32 I2C Addresses
• Wide Supply Range
– 2.2 ~ 5.5 V
• Digital Interface: SMBus, I2C
• Software Compatibility with Industry Standard LM75
and TMP75
• Resolution: 12 bits
• Alert Pin Function

Applications
• Power-Supply Temperature Monitoring
• Computer Peripheral Thermal Protection
• Notebook Computers
• Battery Management
• Thermostat Controls
• Environmental Monitoring and HVAC
• Electro Mechanical Device Temperature

Description
The TPTMP75 is a digital temperature sensor ideal for
replacement of negative temperature coefficient (NTC)
and positive temperature coefficient (PTC) thermistor.
The accuracy of the device is typical ± 1°C without
requirements of calibration or external signal conditioning.
The device includes an on-chip 12-bit analog-to-digital
converter (ADC), which offers resolutions down to
0.0625°C.
The device has SMBus, two-wire, and I2C interface
compatibility. It also has SMBUS Alert function.
The device is specified for operation over a temperature
range from −40°C to 125 °C.
The TPTMP75 is ideal for extended temperature
measurement in a variety of communication, computer,
consumer, environmental, industrial, and instrumentation
applications.




Similar Part No. - TPTMP75

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPTMUX1101DBVR TECHPUBLIC-TPTMUX1101DBVR Datasheet
2Mb / 5P
SINGLE-CHANNEL 2Q SPST Analog Switches
TPTMUX1101DCKR TECHPUBLIC-TPTMUX1101DCKR Datasheet
2Mb / 5P
Single-Supply SPST Analog Switches
TPTMUX1102DBVR TECHPUBLIC-TPTMUX1102DBVR Datasheet
2Mb / 5P
SINGLE-CHANNEL 2Q SPST Analog Switches
TPTMUX1102DCKR TECHPUBLIC-TPTMUX1102DCKR Datasheet
2Mb / 5P
Single-Supply SPST Analog Switches
TPTMUX1219DBVR TECHPUBLIC-TPTMUX1219DBVR Datasheet
2Mb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
More results


Similar Description - TPTMP75

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP100NA250G4 TI-TMP100NA250G4 Datasheet
761Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP116 TI1-TMP116 Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com