Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM5220 Datasheet (PDF) - Excelliance MOS Corp.

EM5220 Datasheet PDF - Excelliance MOS Corp.
Part # EM5220
Download  EM5220 Download
File Size   629.66 Kbytes
Page   13 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 10V Single Channel Load Switch

EM5220 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM5220 Datasheet PDF - Excelliance MOS Corp.

Part # EM5220
Download  EM5220 Click to download

File Size   629.66 Kbytes
Page   13 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 10V Single Channel Load Switch

EM5220 Datasheet (HTML) - Excelliance MOS Corp.


EM5220 Product details

General Description
The EM5220 is a single channel load switch with
programmable rise time and with an integrated
output discharge control. The device contains a
P-channel NOSFET that can operate over an input
voltage range of 4.5V to 10V. The switch is
controlled by an on and off low level logic input,
which is capable of interfacing with GPIO signals.
The programmable rise time of the device can
reduces inrush current caused by large load
capacitances during power up. The configurable DIS
pin controls the on/off time of the device to allow
design flexibility for controlling the power on/off
sequence.

Applications
 Ultrabook
 Notebooks & Netbooks
 Set-top Boxes
 Tablet PC
 Telecom systems
 Consumer electronics

Features
 No External Gate Pull-Up Resistor Required
 4.5V to 11V Input Voltage Range
 Low Typical RDS(ON) of 21mΩ
 Adjustable Start-Up and Discharge Rate
 TDFN2.0x2.0 with Thermal Pad
 Over Temperature Protection
 RoHS Compliant and 100% Lead (Pb)-Free




Similar Part No. - EM5220

ManufacturerPart #DatasheetDescription
logo
Dc Components
EM520 DCCOM-EM520 Datasheet
376Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
EM520 DCCOM-EM520 Datasheet
377Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
EM520 TAYCHIPST-EM520 Datasheet
715Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Frontier Electronics.
EM520 FRONTIER-EM520 Datasheet
120Kb / 2P
1A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
EM520 KISEMICONDUCTOR-EM520 Datasheet
3Mb / 2P
High Voltage Glass Passivated Junction Rectifiers VOLTAGE RANGE : 2000 VOLTS
More results


Similar Description - EM5220

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DML1005LDS DIODES-DML1005LDS Datasheet
1Mb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
AP22850 DIODES-AP22850 Datasheet
1Mb / 14P
10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Rev 2
DML1007LDS DIODES-DML1007LDS Datasheet
872Kb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
DML1006LDS DIODES-DML1006LDS_17 Datasheet
669Kb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML3006LFDS DIODES-DML3006LFDS Datasheet
1Mb / 9P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 3
DML3009LDC DIODES-DML3009LDC Datasheet
1Mb / 9P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
logo
Alpha & Omega Semicondu...
AOZ1336DI AOSMD-AOZ1336DI Datasheet
1Mb / 14P
Single Channel Smart Load Switch
Rev. 1.0 January 2014
logo
Diodes Incorporated
DML1010FDK DIODES-DML1010FDK Datasheet
1Mb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
June 2022 Rev. 3 - 2
DML1012LDS DIODES-DML1012LDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
March 2022 Rev. 6 - 2
DML3008LFDS DIODES-DML3008LFDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
December 2021 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com