| Electronic Components Datasheet Search |
|
SVT03380PSATR Datasheet (PDF) - Silan Microelectronics Joint-stock |
SVT03380PSATR Datasheet (PDF) |
|
Download Datasheet |
| Part # | SVT03380PSATR |
| Download | SVT03380PSATR Click to download |
| File Size | 340.23 Kbytes |
| Page | 9 Pages |
| Manufacturer | SILAN [Silan Microelectronics Joint-stock] |
| Direct Link | http://www.silan.com.cn |
| Logo | |
| Description | -6.5A, -30V P CHANNEL MOSFET |
SVT03380PSATR Datasheet (HTML) - Silan Microelectronics Joint-stock |
SVT03380PSATR Product details |
|
Similar Part No. - SVT03380PSATR |
|
Similar Description - SVT03380PSATR |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |