Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVT03380PSATR Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SVT03380PSATR
Description  -6.5A, -30V P CHANNEL MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT03380PSATR Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SVT03380PSATR Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVT03380PSATR Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVT03380PSATR Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVT03380PSATR Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVT03380PSATR Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVT03380PSATR Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT03380PSATR Datasheet HTML 7Page - Silan Microelectronics Joint-stock SVT03380PSATR Datasheet HTML 8Page - Silan Microelectronics Joint-stock SVT03380PSATR Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Silan
Microelectronics
SVT03380PSA_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.0
http: //www.silan.com.cn
Page 2 of 9
ABSOLUTE MAXIMUM RATINGS (UNLESS OTHERWISE NOTED, TJ=25
C)
Characteristics
Symbol
Test conditions
Ratings
Unit
Min.
Typ.
Max.
Drain-Source Voltage
VDS
--
-30
--
--
V
Gate-Source Voltage
VGS
--
-20
--
20
V
Drain Current
ID
TC=25C
--
--
-6.5
A
TC=100C
--
--
-4.2
A
Drain Current Pulsed (Note 1)
IDM
TC=25C
--
--
-26
A
Power Dissipation
(Note 2)
PD
TC=25C
--
--
2.8
W
Single Pulsed Avalanche
Energy
EAS
L=0.1mH, VDD=-24V, RG=25,
starting temperature TJ=25C
--
--
45
mJ
Single Pulsed Current
IAS
--
--
--
-30
A
Operation Junction
Temperature Range
TJ
--
-55
--
150
C
Storage Temperature Range
Tstg
--
-55
--
150
C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Test conditions
Ratings
Unit
Min.
Typ.
Max.
Thermal Resistance,
Junction-case, Bottom
RθJC
--
--
--
45
C/W
Thermal Resistance,
Junction-ambient
RθJA
--
--
--
85
C/W
Soldering Temperature(SMD)
Tsold
Reflow soldering: 10±1 sec, 3times
Wave soldering:
2
0
-
10
sec, 1time
--
--
260
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com