Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFP44 Datasheet (PDF) - InterFET Corporation

IFP44 Datasheet PDF - InterFET Corporation
Part # IFP44
Download  IFP44 Download
File Size   370.43 Kbytes
Page   5 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description P-Channel JFET

IFP44 Datasheet (PDF)

Go To PDF Page Download Datasheet
IFP44 Datasheet PDF - InterFET Corporation

Part # IFP44
Download  IFP44 Click to download

File Size   370.43 Kbytes
Page   5 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description P-Channel JFET

IFP44 Datasheet (HTML) - InterFET Corporation


IFP44 Product details

Features
• InterFET P0099F Geometry
• Low Noise: 8 nV/√Hz Typical
• RoHS Compliant
• SMT, TH, and Bare Die Package options.

Applications
• Replacement for Japanese 2SJ44

Description
The 25V InterFET IFP44 is a replacement for the
Japanese 2SJ44. Targeted for switching and
commutator designs. The on resistance is typically
less than 100 Ohms at room temperatures. The
TO-18 package is hermetically sealed and suitable
for military applications.




Similar Part No. - IFP44

ManufacturerPart #DatasheetDescription
logo
Level One
IFP-0501 LVL1-IFP-0501 Datasheet
904Kb / 5P
5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 126W
IFP-0502 LVL1-IFP-0502 Datasheet
865Kb / 5P
5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Multi-Mode Fiber, 2km, 126W
IFP-0503 LVL1-IFP-0503 Datasheet
906Kb / 5P
5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Single-Mode Fiber, 30km, 126W
IFP-0504 LVL1-IFP-0504 Datasheet
894Kb / 5P
5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x ST Multi-Mode Fiber, 2km, 126W
IFP-0801 LVL1-IFP-0801 Datasheet
235Kb / 3P
Redundant power inputs with Terminal Block and DC Jack
More results


Similar Description - IFP44

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
J270 CALOGIC-J270 Datasheet
22Kb / 2P
P-Channel JFET
logo
Micross Components
J174_TO-92 MICROSS-J174_TO-92 Datasheet
304Kb / 1P
P-CHANNEL JFET
LS5115_TO-18 MICROSS-LS5115_TO-18 Datasheet
309Kb / 1P
P-CHANNEL JFET
LS5116_SOT-23 MICROSS-LS5116_SOT-23 Datasheet
277Kb / 1P
P-CHANNEL JFET
LS5116_TO-18 MICROSS-LS5116_TO-18 Datasheet
283Kb / 1P
P-CHANNEL JFET
LSJ174_TO-18 MICROSS-LSJ174_TO-18 Datasheet
306Kb / 1P
P-CHANNEL JFET
LSJ177_SOT-23 MICROSS-LSJ177_SOT-23 Datasheet
301Kb / 1P
P-CHANNEL JFET
SST5115_SOT-23 MICROSS-SST5115_SOT-23 Datasheet
304Kb / 1P
P-CHANNEL JFET
SST5116_SOT-23 MICROSS-SST5116_SOT-23 Datasheet
277Kb / 1P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N5116 NJSEMI-2N5116 Datasheet
78Kb / 1P
P-CHANNEL JFET
More results




About InterFET Corporation


InterFET Corporation is a semiconductor company that specializes in the design and manufacture of high-performance, precision, and low-noise analog transistors. They offer a wide range of products including JFETs (Junction Field-Effect Transistors), MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors), and other specialized transistors.

InterFET serves a variety of industries, including aerospace, medical, military, and telecommunications. Their transistors are used in a variety of applications such as signal amplification, filtering, voltage regulation, and precision measurement.

The company was founded in 1981 and is headquartered in California, USA. They have a strong commitment to research and development, and are dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, InterFET also provides customized solutions to meet specific customer requirements.

Overall, InterFET is a trusted and reliable supplier of high-performance analog transistors, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com