Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFP44 Datasheet(PDF) 5 Page - InterFET Corporation

Part # IFP44
Description  P-Channel JFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFP44 Datasheet(HTML) 5 Page - InterFET Corporation

  IFP44 Datasheet HTML 1Page - InterFET Corporation IFP44 Datasheet HTML 2Page - InterFET Corporation IFP44 Datasheet HTML 3Page - InterFET Corporation IFP44 Datasheet HTML 4Page - InterFET Corporation IFP44 Datasheet HTML 5Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 of 5
www.InterFET.com
IFP44
Document Number: IF35087.R00
InterFET Corporation
June, 2019
IFP44
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
TO-92 Mechanical and Layout Data
Package Outline Data
Suggested Through-Hole Layout
1.
All linear dimensions are in millimeters.
2.
Package weight approximately 0.19 grams
3.
Molded plastic case UL 94V-0 rated
4.
Bulk product is shipped in standard ESD shipping
material
5.
Refer to JEDEC standards for additional
information.
1.
All linear dimensions are in millimeters.
2.
The suggested land pattern dimensions have been
provided as a straight lead reference only. A more
robust pattern may be desired for wave soldering
and/or bent lead configurations.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com