Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1909951 Datasheet (PDF) - PHOENIX CONTACT

1909951 Datasheet PDF - PHOENIX CONTACT
Part # 1909951
Download  1909951 Download
File Size   774.86 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVR 2,5/ 9-STF - PCB connector

1909951 Datasheet (PDF)

Go To PDF Page Download Datasheet
1909951 Datasheet PDF - PHOENIX CONTACT

Part # 1909951
Download  1909951 Click to download

File Size   774.86 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVR 2,5/ 9-STF - PCB connector

1909951 Datasheet (HTML) - PHOENIX CONTACT


1909951 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
9, number of rows: 1, number of positions: 9, number of connections: 9, product range: FKCVR
2,5/..-STF, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Quick and convenient testing using integrated test option
• Screwable flange for superior mechanical stability
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1909951

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
190995 FESTO-190995 Datasheet
81Kb / 1P
Vacuum cup without connector
6/19/22
More results


Similar Description - 1909951

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1910021 PHOENIX-1910021 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVR 2,5/16-STF
1909977 PHOENIX-1909977 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVR 2,5/11-STF
1909922 PHOENIX-1909922 Datasheet
79Kb / 5P
Printed-circuit board connector - FKCVR 2,5/ 6-STF
1847958 PHOENIX-1847958 Datasheet
635Kb / 14P
PCB connector - GMVSTBR 2,5/ 9-STF-7,62
Jan 5, 2023
1754869 PHOENIX-1754869 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 9-STF-5,08
1962765 PHOENIX-1962765 Datasheet
1Mb / 21P
TFKC 2,5/ 9-STF-5,08 - PCB connector
1912142 PHOENIX-1912142 Datasheet
417Kb / 15P
MSTB 2,5 HC/ 9-STF - PCB connector
1825381 PHOENIX-1825381 Datasheet
618Kb / 15P
IC 2,5/ 9-STF-5,08 - PCB connector
1909760 PHOENIX-1909760 Datasheet
1Mb / 24P
FKCVR 2,5/ 7-ST - PCB connector
1733039 PHOENIX-1733039 Datasheet
658Kb / 18P
FKCN 2,5/ 9-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com