Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F2G08R0A Datasheet (PDF) - Samsung semiconductor

K9F2G08R0A Datasheet PDF - Samsung semiconductor
Part # K9F2G08R0A
Download  K9F2G08R0A Download
File Size   999.07 Kbytes
Page   44 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description FLASH MEMORY

K9F2G08R0A Datasheet (PDF)

Go To PDF Page Download Datasheet
K9F2G08R0A Datasheet PDF - Samsung semiconductor

Part # K9F2G08R0A
Download  K9F2G08R0A Click to download

File Size   999.07 Kbytes
Page   44 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description FLASH MEMORY

K9F2G08R0A Datasheet (HTML) - Samsung semiconductor


K9F2G08R0A Product details

GENERAL DESCRIPTION

Offered in 256Mx8bit, the K9F2G08X0A is a 2G-bit NAND Flash Memory with spare 64M-bit. Its NAND cell provides the most cost effective solution for the solid state application market. A program operation can be performed in typical 200µs on the (2K+64)Byte page and an erase operation can be performed in typical 1.5ms on a (128K+4K)Byte block. Data in the data register can be read out at 25ns(42ns with 1.8V device) cycle time per Byte. The I/O pins serve as the ports for address and data input/output as well as command input. The on-chip write controller automates all program and erase functions including pulse repetition, where required, and internal verification and margining of data. Even the write-intensive systems can take advantage of the K9F2G08X0A′s extended reliability of 100K program/erase cycles by providing ECC(Error Correcting Code) with real time mapping-out algorithm. The K9F2G08X0A is an optimum solution for large nonvolatile storage applications such as solid state file storage and other portable applications requiring non-volatility.



FEATURES

• Voltage Supply

- 1.65V ~ 1.95V

- 2.70V ~ 3.60V

• Organization

- Memory Cell Array : (256M + 8M) x 8bit

- Data Register : (2K + 64) x 8bit

• Automatic Program and Erase

- Page Program : (2K + 64)Byte

- Block Erase : (128K + 4K)Byte

• Page Read Operation

- Page Size : (2K + 64)Byte

- Random Read : 25µs(Max.)

- Serial Access : 25ns(Min.)

(*K9F2G08R0A: tRC = 42ns(Min))

• Fast Write Cycle Time

- Page Program time : 200µs(Typ.)

- Block Erase Time : 1.5ms(Typ.)

• Command/Address/Data Multiplexed I/O Port

• Hardware Data Protection

- Program/Erase Lockout During Power Transitions

• Reliable CMOS Floating-Gate Technology

-Endurance : 100K Program/Erase Cycles(with 1bit/512Byte

ECC)

- Data Retention : 10 Years

• Command Driven Operation

• Intelligent Copy-Back with internal 1bit/528Byte EDC

• Unique ID for Copyright Protection

• Package :

- K9F2G08R0A-JCB0/JIB0 : Pb-FREE PACKAGE

   63 - Ball FBGA I (10 x 13 / 0.8 mm pitch)

- K9F2G08U0A-PCB0/PIB0 : Pb-FREE PACKAGE

   48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)

- K9F2G08U0A-ICB0/IIB0

   52 - Pin ULGA (12 x 17 / 1.00 mm pitch)




Similar Part No. - K9F2G08R0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2G08B0B SAMSUNG-K9F2G08B0B Datasheet
826Kb / 41P
256M x 8 Bit NAND Flash Memory
K9F2G08B0B-P SAMSUNG-K9F2G08B0B-P Datasheet
826Kb / 41P
256M x 8 Bit NAND Flash Memory
K9F2G08Q0M SAMSUNG-K9F2G08Q0M Datasheet
601Kb / 38P
FLASH MEMORY
logo
STMicroelectronics
K9F2G08U STMICROELECTRONICS-K9F2G08U Datasheet
614Kb / 32P
USB 2.0 high-speed Flash drive controller
30-Aug-2007
logo
Samsung semiconductor
K9F2G08U0B SAMSUNG-K9F2G08U0B Datasheet
826Kb / 41P
256M x 8 Bit NAND Flash Memory
More results


Similar Description - K9F2G08R0A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
FLASH MEMORY
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
FLASH MEMORY
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com