Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS53201 Datasheet (PDF) - Reed Semiconductor Corp.

RS53201 Datasheet PDF - Reed Semiconductor Corp.
Part # RS53201
Download  RS53201 Download
File Size   170.63 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.15V to 5.5V Input, 550mA, Step-Down Converter With Ultra-low Quiescent Current

RS53201 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS53201 Datasheet PDF - Reed Semiconductor Corp.

Part # RS53201
Download  RS53201 Click to download

File Size   170.63 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.15V to 5.5V Input, 550mA, Step-Down Converter With Ultra-low Quiescent Current

RS53201 Datasheet (HTML) - Reed Semiconductor Corp.


RS53201 Product details

Features
• Input voltage range VIN from 2.15 V to 5.5 V
• 60nA operating quiescent current
• Output current up to 550 mA
• Very low operational quiescent current
• Eight output voltage options from 1.2V to 3.3V
• 100% duty-cycle mode at low VIN condition
• Power save mode for PFM operation at light
load condition
• Output discharge function
• Small 1.57mm x 0.88mm, 8-ball WCSP
package
• RoHS compliant and Green




Similar Part No. - RS53201

ManufacturerPart #DatasheetDescription
logo
Reed Semiconductor Corp...
RS53203 REED-RS53203 Datasheet
281Kb / 5P
2.4V to 5.5V Input, small size 1A/2A/3A Step-Down Converter
RS53203 REED-RS53203 Datasheet
281Kb / 5P
2.4Vto 5.5V Input, small size 1A/2A/3A
RS53203AR REED-RS53203AR Datasheet
281Kb / 5P
2.4V to 5.5V Input, small size 1A/2A/3A Step-Down Converter
RS53203AR REED-RS53203AR Datasheet
281Kb / 5P
2.4V to 5.5V Input, small size 1A/2A/3A
RS53203AR REED-RS53203AR Datasheet
281Kb / 5P
2.4Vto 5.5V Input, small size 1A/2A/3A
More results


Similar Description - RS53201

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936 MAXIM-MAX16936 Datasheet
2Mb / 17P
36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Rev 1; 4/13
logo
Monolithic Power System...
MP1605 MPS-MP1605 Datasheet
1Mb / 18P
2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
logo
Leshan Radio Company
LR8501 LRC-LR8501 Datasheet
825Kb / 11P
1.5MHz 600mA Synchronous Step-Down Converter with Low Quiescent Current
logo
Monolithic Power System...
MP4430 MPS-MP4430 Datasheet
2Mb / 29P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4432 MPS-MP4432 Datasheet
1Mb / 29P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter
logo
Linear Technology
LTC3807EFE LINER-LTC3807EFE Datasheet
436Kb / 6P
Low Quiescent Current, High Voltage Step-Down Converter
logo
ELMOS Semiconductor AG
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
LOW QUIESCENT CURRENT STEP DOWN CONVERTER
logo
Murata Manufacturing Co...
MYRLP-F-RD MURATA1-MYRLP-F-RD Datasheet
30Mb / 26P
Ultra-Low Quiescent Current, Inductor Built-in Step-Down DC/DC Converter
D90DH -00119
logo
Richtek Technology Corp...
RTQ2963-QA RICHTEK-RTQ2963-QA Datasheet
761Kb / 36P
60VIN, 3.5A, Asynchronous Step-Down Converter with Low Quiescent Current
March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com