Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5205-EVALZ Datasheet (PDF) - Analog Devices

ADL5205-EVALZ Datasheet PDF - Analog Devices
Part # ADL5205-EVALZ
Download  ADL5205-EVALZ Download
File Size   1368.37 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 35 dB Range, 1 dB Step Size DGA

ADL5205-EVALZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5205-EVALZ Datasheet PDF - Analog Devices

Part # ADL5205-EVALZ
Download  ADL5205-EVALZ Click to download

File Size   1368.37 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 35 dB Range, 1 dB Step Size DGA

ADL5205-EVALZ Datasheet (HTML) - Analog Devices


ADL5205-EVALZ Product details

FEATURES Dual, independent, digitally controlled gain amplifier (DGA) −9 dB to +26 dB gain range
1 dB step size, ±0.2 dB accuracy at 200 MHz 100 Ω differential input resistance
10 Ω differential output resistance
1.2 dB change in noise figure for first 12 dB of gain reduction
Output third-order intercept (OIP3): 48.5 dBm at 200 MHz, 5 V, high performance mode −3 dB bandwidth: 1700 MHz typical in high performance
mode
Multiple control interface options
Parallel 6-bit control interface with latch Serial peripheral interface (SPI) with fast attack
Gain step up/down interface
Wide input dynamic range Low power mode Power-down control Single 3.3 V or 5 V supply operation
40-lead, 6 mm × 6 mm LFCSP package
APPLICATIONS
Differential analog-to-digital converter (ADC) drivers High intermediate frequency (IF) sampling receivers High output power IF amplification
Instrumentation




Similar Part No. - ADL5205-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5205-EVALZ AD-ADL5205-EVALZ Datasheet
1Mb / 32P
Dual, 35 dB Range, 1 dB Step Size DGA
REV. 0
More results


Similar Description - ADL5205-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8372 AD-AD8372 Datasheet
724Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
11/07-Revision 0
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
logo
Pasternack Enterprises,...
PE70A3900 PASTERNACK-PE70A3900 Datasheet
477Kb / 8P
Step Resolution of 1 dB
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
Step Resolution of 1 dB
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
Step Resolution of 1 dB
logo
Analog Devices
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
Dual, 35 dB Range, 1 dB Step Size DGA
REV. 0
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
High Isolation, 35 dB Typical at 1 GHz
logo
Analog Devices
ADL5206 AD-ADL5206 Datasheet
1,010Kb / 25P
1.0 GHz DGA with 30 dB Range and 1 dB Step Size
9/2020-Revision 0
logo
Guerrilla RF, Inc.
GRF6402W GUERRILLA-GRF6402W Datasheet
1Mb / 24P
31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz
January 26, 2023
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
3 dB/step, 30 dB Range
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com