Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE4963 Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

NCE4963 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # NCE4963
Download  NCE4963 Download
File Size   1312.84 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description Dual P-channel Enhancement Mode Power MOSFET

NCE4963 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE4963 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # NCE4963
Download  NCE4963 Click to download

File Size   1312.84 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description Dual P-channel Enhancement Mode Power MOSFET

NCE4963 Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


NCE4963 Product details

Features
VDS= -20V, ID= -13 A
RDS(ON) < 15mΩ @ VGS = -10V
RDS(ON) < 20mΩ @ VGS = -4.5V

General Features
Advanced Trench Technology
Provide Excellent RDS(ON) and Low Gate
Charge
Lead Free and Green Available




Similar Part No. - NCE4963

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE4963 NCEPOWER-NCE4963 Datasheet
406Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE4963 VBSEMI-NCE4963 Datasheet
1Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
More results


Similar Description - NCE4963

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTDP9933KQ8 CYSTEKEC-MTDP9933KQ8 Datasheet
416Kb / 9P
Dual P-Channel Enhancement Mode Power MOSFET
MTDP9620Q8 CYSTEKEC-MTDP9620Q8 Datasheet
401Kb / 9P
Dual P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP3B026M A-POWER-AP3B026M Datasheet
71Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTA9D0B03Q8 CYSTEKEC-MTA9D0B03Q8 Datasheet
295Kb / 9P
Dual P-Channel Enhancement Mode Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM4805B HMSEMI-HM4805B Datasheet
778Kb / 6P
Dual P-Channel Enhancement Mode Power MOSFET
HM4885A HMSEMI-HM4885A Datasheet
975Kb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
HM4953A HMSEMI-HM4953A Datasheet
585Kb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
HM4803 HMSEMI-HM4803 Datasheet
554Kb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
logo
ACE Technology Co., LTD...
ACE14805B ACE-ACE14805B Datasheet
1Mb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
VER 1.2
ACE14805SB ACE-ACE14805SB Datasheet
1Mb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com