Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE4963 Datasheet(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # NCE4963
Description  Dual P-channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

NCE4963 Datasheet(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  NCE4963 Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED NCE4963 Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED NCE4963 Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED NCE4963 Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Static Electrical Characteristics @ Tj = 25°C (unless otherwise stated)
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250μA
-20
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS=-20V,VGS=0V
--
--
-1
μA
Zero Gate Voltage Drain Current(Tj=125
℃)
VDS=-20V,VGS=0V
--
--
-100
μA
IGSS
Gate-Body Leakage Current
VGS=±12V,VDS=0V
--
--
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID=-250μA
-0.3
-
2.0
V
RDS(on)
Drain-Source On-State Resistance
③
VGS=-4.5V, ID=-10A
--
15
mΩ
RDS(on)
Drain-Source On-State Resistance ③
VGS=-2.5V, ID=-10A
--
20
mΩ
RDS(on)
Drain-Source On-State Resistance ③
VGS=-1.8V, ID=-8A
--
32
mΩ
Dynamic Electrical Characteristics @ Tj = 25°C (unless otherwise stated)
Ciss
Input Capacitance
VDS=-10V,VGS=0V,
f=1MHz
4655
pF
Coss
Output Capacitance
465
pF
Crss
Reverse Transfer Capacitance
335
pF
Rg
Gate Resistance
f=1MHz
0.2
5
Ω
Qg
Total Gate Charge
VDS=-10V,ID=-10A,
VGS=-4.5V
--
39
nC
Qgs
Gate-Source Charge
--
8.1
nC
Qgd
Gate-Drain Charge
--
7.8
nC
Switching Characteristics
Td(on)
Turn-on Delay Time
VDD=-10V,
ID=-10A,
RG=2.7Ω,
VGS=-10V
--
7.6
--
ns
Tr
Turn-on Rise Time
--
44
--
ns
Td(off)
Turn-Off Delay Time
--
75
--
ns
Tf
Turn-Off Fall Time
--
27
--
ns
Source- Drain Diode Characteristics@ Tj = 25°C (unless otherwise stated)
VSD
Forward on voltage
ISD=-10A,VGS=0V
--
-0.8
-1.2
V
Trr
Reverse Recovery Time
Tj=25℃,Isd=-10A,
VGS=0V
di/dt=-100A/μs
--
14
28
ns
Qrr
Reverse Recovery Charge
--
4.7
9.4
nC
NOTE:
① Repetitive rating; pulse width limited by max junction temperature.
② Limited by TJmax, starting TJ = 25°C, L = 0.5mH, RG = 25Ω, IAS = -13A, VGS =-10V. Part not recommended for use above this value
③ Pulse width ≤ 380μs; duty cycle≤ 2%.
Electrical Characteristics
www.bychip.cn
NCE4963
v2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com