Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8833 Datasheet (PDF) - Maxim Integrated Products

MAX8833 Datasheet PDF - Maxim Integrated Products
Part # MAX8833
Download  MAX8833 Download
File Size   335.32 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 3A, 2MHz Step-Down Regulator

MAX8833 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8833 Datasheet PDF - Maxim Integrated Products

Part # MAX8833
Download  MAX8833 Click to download

File Size   335.32 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 3A, 2MHz Step-Down Regulator

MAX8833 Datasheet (HTML) - Maxim Integrated Products


MAX8833 Product details

General Description
The MAX8833 high-efficiency, dual step-down regulator is capable of delivering up to 3A at each output. The device operates from a 2.35V to 3.6V supply, and provides output voltages from 0.6V to 0.9 x VIN, making it ideal for on-board point-of-load applications. Total output error is less than ±1% over load, line, and temperature.

Features
♦ 35mΩ On-Resistance Internal MOSFETs
♦ Dual, 3A, PWM Step-Down Regulators
♦ Fully Protected Against Overcurrent, Short Circuit, and Overtemperature
♦ ±1% Output Accuracy over Load, Line, and Temperature
♦ Operates from 2.35V to 3.6V Supply
♦ REFIN on One Channel for Tracking or External Reference
♦ Integrated Boost Diodes
♦ Adjustable Output from 0.6V to 0.9 x VIN
♦ Soft-Start Reduces Inrush Supply Current
♦ 0.5MHz to 2MHz Adjustable Switching, or FSYNC Input
♦ All-Ceramic-Capacitor Design
♦ 180° Out-of-Phase Operation Reduces Input Ripple Current
♦ Individual Enable Inputs and PWRGD Outputs
♦ Safe-Start into Prebiased Output
♦ Available in 5mm x 5mm Thin QFN Package
♦ Sink/Source Current in DDR Applications

Applications
   ASIC/CPU/DSP Power Supplies
   DDR Power Supplies
   Set-Top Box Power Supplies
   Printer Power Supplies
   Network Power Supplies




Similar Part No. - MAX8833

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8833 MAXIM-MAX8833 Datasheet
360Kb / 20P
Dual, 3A, 2MHz Step-Down Regulator
Rev 2; 4/09
MAX8833ETJ+ MAXIM-MAX8833ETJ+ Datasheet
360Kb / 20P
Dual, 3A, 2MHz Step-Down Regulator
Rev 2; 4/09
MAX8833 MAXIM-MAX8833_09 Datasheet
360Kb / 20P
Dual, 3A, 2MHz Step-Down Regulator
Rev 2; 4/09
More results


Similar Description - MAX8833

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8855 MAXIM-MAX8855 Datasheet
337Kb / 21P
Dual, 5A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX8833 MAXIM-MAX8833_09 Datasheet
360Kb / 20P
Dual, 3A, 2MHz Step-Down Regulator
Rev 2; 4/09
MAX8855 MAXIM-MAX8855_09 Datasheet
636Kb / 20P
Dual, 5A, 2MHz Step-Down Regulator
Rev 2; 4/09
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
logo
Richtek Technology Corp...
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com