| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX8643
|
300Kb / 16P |
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07 |
|
MAX8643A
|
303Kb / 16P |
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07 |
|
MAX8833
|
335Kb / 21P |
Dual, 3A, 2MHz Step-Down Regulator
Rev 0; 8/07 |
|
MAX8855
|
337Kb / 21P |
Dual, 5A, 2MHz Step-Down Regulator
Rev 0; 8/07 |
|
MAX8643_0709
|
351Kb / 16P |
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07 |
|
MAX8643A_0709
|
321Kb / 16P |
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07 |
|
MAX8855
|
636Kb / 20P |
Dual, 5A, 2MHz Step-Down Regulator
Rev 2; 4/09 |
|
MAX8643A
|
324Kb / 16P |
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09 |
 Richtek Technology Corp... |
RT8015B
|
457Kb / 16P |
3A, 2MHz, Synchronous Step-Down Converter
|
|
RT8055
|
324Kb / 14P |
3A, 2MHz, Synchronous Step-Down Converter
|