Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1967443 Datasheet (PDF) - PHOENIX CONTACT

1967443 Datasheet PDF - PHOENIX CONTACT
Part # 1967443
Download  1967443 Download
File Size   1372.78 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 16/ 9-ST-10,16 - PCB connector

1967443 Datasheet (PDF)

Go To PDF Page Download Datasheet
1967443 Datasheet PDF - PHOENIX CONTACT

Part # 1967443
Download  1967443 Click to download

File Size   1372.78 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 16/ 9-ST-10,16 - PCB connector

1967443 Datasheet (HTML) - PHOENIX CONTACT


1967443 Product details

PCB connector, nominal cross section: 16 mm2, color: green, nominal current: 76 A, rated
voltage (III/2): 1000 V, contact surface: Ag, contact connection type: Socket, number of
potentials: 9, number of rows: 1, number of positions: 9, number of connections: 9, product
range: PC 16/..-ST, pitch: 10.16 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without
locking clip, plug-in system: COMBICON PC 16, locking: without, mounting: without, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve




Similar Part No. - 1967443

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1967401 PHOENIX-1967401 Datasheet
1Mb / 20P
PCB connector - PC 16/ 5-ST-10,16
1967414 PHOENIX-1967414 Datasheet
182Kb / 12P
Printed-circuit board connector - PC 16/ 6-ST-10,16
09/12/2020
1967430 PHOENIX-1967430 Datasheet
1Mb / 20P
PCB connector - PC 16/ 8-ST-10,16
1967456 PHOENIX-1967456 Datasheet
1Mb / 19P
PCB connector - PC 16/ 2-STF-10,16
Jul 20, 2022
1967472 PHOENIX-1967472 Datasheet
494Kb / 14P
PCB connector - PC 16/ 4-STF-10,16
More results


Similar Description - 1967443

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1913523 PHOENIX-1913523 Datasheet
591Kb / 13P
PCB connector - PC 6/ 4-ST-10,16
Jul 21, 2022
1967375 PHOENIX-1967375 Datasheet
1Mb / 20P
PCB connector - PC 16/ 2-ST-10,16
Jul 21, 2022
1967388 PHOENIX-1967388 Datasheet
1Mb / 20P
PCB connector - PC 16/ 3-ST-10,16
Jul 21, 2022
1967391 PHOENIX-1967391 Datasheet
1Mb / 20P
PCB connector - PC 16/ 4-ST-10,16
Sep 8, 2022
1913507 PHOENIX-1913507 Datasheet
348Kb / 10P
PCB connector - PC 6/ 2-ST-10,16
1913510 PHOENIX-1913510 Datasheet
348Kb / 10P
PCB connector - PC 6/ 3-ST-10,16
1913536 PHOENIX-1913536 Datasheet
348Kb / 10P
PCB connector - PC 6/ 5-ST-10,16
1967401 PHOENIX-1967401 Datasheet
1Mb / 20P
PCB connector - PC 16/ 5-ST-10,16
1967430 PHOENIX-1967430 Datasheet
1Mb / 20P
PCB connector - PC 16/ 8-ST-10,16
1969441 PHOENIX-1969441 Datasheet
940Kb / 20P
IPC 16/ 9-ST-10,16 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com