Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD841 Datasheet (PDF) - Analog Devices

AD841 Datasheet PDF - Analog Devices
Part # AD841
Download  AD841 Download
File Size   338.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband, Unity-Gain Stable, Fast Settling Op Amp

AD841 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD841 Datasheet PDF - Analog Devices

Part # AD841
Download  AD841 Click to download

File Size   338.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband, Unity-Gain Stable, Fast Settling Op Amp

AD841 Datasheet (HTML) - Analog Devices


AD841 Product details

FEATURES
AC performance
Unity-gain bandwidth: 40 MHz
Fast settling time: 110 ns to 0.01%
Slew rate: 300 V/μs
Full power bandwidth: 4.7 MHz for 20 V p-p into a 500 Ω load
DC performance
Input offset voltage: 1 mV maximum
Input voltage noise: 15 nV/√Hz typical
Open-loop gain: 45 V/mV into a 1 kΩ load
Output current: 50 mA minimum
Supply current: 12 mA maximum
APPLICATIONS
High speed signal conditioning
Video and pulse amplifiers
Data acquisition systems
Line drivers
Active filters
Available in 14-pin plastic PDIP, 14-pin hermetic CERDIP, and 20-pin LCC packages
Chips and MIL-STD-883B parts available




Similar Part No. - AD841

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV.B
AD841 AD-AD841 Datasheet
377Kb / 17P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
2/13-Rev. B to Rev. C
AD8410 AD-AD8410 Datasheet
3Mb / 4P
High Voltage, High Bandwidth Current Sense Amplifier
AD8410A AD-AD8410A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. 0
AD8410A AD-AD8410A Datasheet
1Mb / 25P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 20 V/V
Rev. A
More results


Similar Description - AD841

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC400 NSC-CLC400 Datasheet
392Kb / 6P
Fast Settling, Wideband Low-Gain Monolithic Op Amp
CLC401 NSC-CLC401 Datasheet
388Kb / 6P
Fast Settling, Wideband High-Gain Monolithic Op Amp
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV.B
logo
Intersil Corporation
HA-2841 INTERSIL-HA-2841 Datasheet
272Kb / 13P
Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
July 1994
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Analog Devices
AD841 AD-AD841_15 Datasheet
338Kb / 16P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
logo
Texas Instruments
CLC400 TI1-CLC400 Datasheet
507Kb / 11P
Fast Settling, Wideband Low Gain Monolithic Op Amp
logo
Analog Devices
AD841 AD-AD841_17 Datasheet
377Kb / 17P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
2/13-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com