Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1714738 Datasheet (PDF) - PHOENIX CONTACT

1714738 Datasheet PDF - PHOENIX CONTACT
Part # 1714738
Download  1714738 Download
File Size   209.88 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBA 2,5 HC/ 7-GU-5,08 BK - PCB header

1714738 Datasheet (PDF)

Go To PDF Page Download Datasheet
1714738 Datasheet PDF - PHOENIX CONTACT

Part # 1714738
Download  1714738 Click to download

File Size   209.88 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBA 2,5 HC/ 7-GU-5,08 BK - PCB header

1714738 Datasheet (HTML) - PHOENIX CONTACT


1714738 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 16 A (see derating
curve), rated voltage (III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of
rows: 1, number of positions: 7, product range: MSTBA 2,5 HC/..-GU, pitch: 5.08 mm, mounting:
Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, plug-in system: COMBICON MSTB 2,5 HC, Pin connector pattern alignment:
reversed, locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Plug-in direction parallel to the PCB




Similar Part No. - 1714738

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
171473160B-F ETC2-171473160B-F Datasheet
190Kb / 3P
Radial Box Metallized Polypropylene Capacitors
171473160C-F ETC2-171473160C-F Datasheet
190Kb / 3P
Radial Box Metallized Polypropylene Capacitors
171473250D-F ETC2-171473250D-F Datasheet
190Kb / 3P
Radial Box Metallized Polypropylene Capacitors
171473400F-F ETC2-171473400F-F Datasheet
190Kb / 3P
Radial Box Metallized Polypropylene Capacitors
logo
PHOENIX CONTACT
1714735 PHOENIX-1714735 Datasheet
149Kb / 8P
PCB terminal block - MKDSP 3/ 3-5,08
More results


Similar Description - 1714738

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1812649 PHOENIX-1812649 Datasheet
39Kb / 1P
MSTBA 2,5 HC/ 2-G-5,08 BK
1758720 PHOENIX-1758720 Datasheet
96Kb / 2P
MSTBA 2,5/ 7-G BK
1923869 PHOENIX-1923869 Datasheet
566Kb / 15P
PCB header - MSTBA 2,5 HC/ 2-G-5,08
Nov 30, 2022
1923759 PHOENIX-1923759 Datasheet
471Kb / 12P
PCB header - MSTBA 2,5 HC/ 2-G
Dec 30, 2022
1923775 PHOENIX-1923775 Datasheet
471Kb / 12P
PCB header - MSTBA 2,5 HC/ 4-G
Jan 3, 2023
1923885 PHOENIX-1923885 Datasheet
566Kb / 15P
PCB header - MSTBA 2,5 HC/ 4-G-5,08
Dec 30, 2022
1924130 PHOENIX-1924130 Datasheet
464Kb / 13P
PCB header - MSTB 2,5 HC/ 7-GF-5,08
Jan 3, 2023
1923762 PHOENIX-1923762 Datasheet
474Kb / 12P
PCB header - MSTBA 2,5 HC/ 3-G
1923872 PHOENIX-1923872 Datasheet
569Kb / 15P
PCB header - MSTBA 2,5 HC/ 3-G-5,08
1924570 PHOENIX-1924570 Datasheet
537Kb / 12P
MSTBV 2,5 HC/ 7-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com