Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD1457C Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD1457C Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD1457C
Download  TD1457C Download
File Size   477.56 Kbytes
Page   13 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 40V/2A Step-Down Converter

TD1457C Datasheet (PDF)

Go To PDF Page Download Datasheet
TD1457C Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD1457C
Download  TD1457C Click to download

File Size   477.56 Kbytes
Page   13 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 40V/2A Step-Down Converter

TD1457C Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD1457C Product details

General Description
The TD1457C is a high frequency step-down switching
regulator with integrated internal highside high voltage
power MOSFET. It provides 2A output with current mode
control for fast loop response and easy compensation.
The wide 9V to 40V input range accommodates a variety of
step-down applications, including those in automotive input
environment. A 1μA shutdown mode supply current allows
use in battery-powered applications.
High power conversion efficiency over a wide load range is
achieved by scaling down the switching frequency at light
load condition to reduce the switching and gate driving
losses.
The frequency foldback helps prevent inductor current
runaway during startup and thermal shutdown provides
reliable, fault tolerant operation.
The TD1457C is available in ESOP8 package

Features
 Wide 9V to 40V Operating Input Range
 250mΩ Internal Power MOSFET
 Up to 1MHz Programmable Switching Frequency
 180μA Quiescent Current
 Ceramic Capacitor Stable
 Internal Soft-Start
 Up to 95% Efficiency
 Output Adjustable from 0.8V to 34V
 Available in ESOP8 PbFree Package

Application
 High Voltage Power Conversion
 Automotive Systems
 Industrial Power Systems
 Distributed Power Systems
 Battery Powered Systems




Similar Part No. - TD1457C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TD140N16SOF INFINEON-TD140N16SOF Datasheet
1Mb / 13P
Netz-Thyristor-Modul Phase Control Thyristor Module
2021-05-21 Revision: 3.4
logo
Inchange Semiconductor ...
TD140N16SOFHPSA1 ISC-TD140N16SOFHPSA1 Datasheet
332Kb / 4P
Thyristor Module
logo
TECHCODE SEMICONDUCTOR,...
TD1410 TECHCODE-TD1410 Datasheet
635Kb / 15P
2A 380KHz 20V PWM Buck DC/DC Converter
TD1410C TECHCODE-TD1410C Datasheet
336Kb / 13P
1.8A 380KHZ 20V PWM Buck DC/DC Converter
February, 2007 Rev 2.0
TD1410CPR TECHCODE-TD1410CPR Datasheet
336Kb / 13P
1.8A 380KHZ 20V PWM Buck DC/DC Converter
February, 2007 Rev 2.0
More results


Similar Description - TD1457C

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
2A, Synchronous Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
3MHz 2A Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9342 BELLING-BL9342 Datasheet
249Kb / 8P
40V, 600mA , Step-Down Converter
logo
E-CMOS Corporation
EC5015A E-CMOS-EC5015A Datasheet
555Kb / 10P
2A, 40V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7352N ACE-ACE7352N Datasheet
192Kb / 3P
40V Input Standoff Voltage, 2A Step-Down Converter
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com