Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD1466 Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD1466 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD1466
Download  TD1466 Download
File Size   406.48 Kbytes
Page   8 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 60V, 800MA, 480kHz Non-synchronous Buck Converter

TD1466 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD1466 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD1466
Download  TD1466 Click to download

File Size   406.48 Kbytes
Page   8 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 60V, 800MA, 480kHz Non-synchronous Buck Converter

TD1466 Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD1466 Product details

General Description
The TD1466 is a monolithic, step‐down, switch mode
converter with a built‐in power MOSFET. It achieves a 0.8A
peak‐output current over input supply 10V‐60V with
excellent load and line regulation. Current‐mode operation
provides a fast transient response and eases loop
stabilization. Fault condition protections include
cycle‐by‐cycle current limiting and thermal shutdown.
The TD1466 requires a minimal number of readily‐available
external components.
The TD1466 is available in a SOT23‐6 package.

Features
 0.8A Peak Output Current
 0.7Ω Internal Power MOSFET
 Stable with Low‐ESR Ceramic Output Capacitors
 Up to 91% Efficiency
 0.1μA Shutdown Mode
 Fixed 480kHz Frequency
 Thermal Shutdown
 Cycle‐by‐Cycle Over‐Current Protection
 11V to 60V Operating Input Range
 Max duty 90%
 Available in a SOT23‐6 Package

Applications
 Power Meters
 Distributed Power Systems
 Battery Chargers
 Pre‐Regulator for Linear Regulators
 WLED Drivers




Similar Part No. - TD1466

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1464 TECHCODE-TD1464 Datasheet
343Kb / 9P
1.5A 150KHz PWM Buck DC/DC Converter
June, 11, 2019.
TD1465 TECHCODE-TD1465 Datasheet
489Kb / 9P
40V, 600MA, 1MHz synchronous Buck Converter
TD1468 TECHCODE-TD1468 Datasheet
552Kb / 8P
60V, 2A, 480kHz Non-synchronous Buck Converter
November 14, 2018.
TD1469 TECHCODE-TD1469 Datasheet
662Kb / 9P
40V, 800MA, 1.2MHz synchronous Buck Converter
March 29, 2022
More results


Similar Description - TD1466

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
1MHz,800mA Synchronous Buck Converter
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
800mA Synchronous Buck Step-Down Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
SHANGHAI BELLING CO., L...
BL3406B BELLING-BL3406B Datasheet
462Kb / 11P
1.5 MHz, 800mA Synchronous Buck Converter
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
800mA 1.5MHz 7V Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
First Silicon Co., Ltd
FTD1466 FS-FTD1466 Datasheet
671Kb / 7P
60V 800mA 480KHz synchronous Buck Converter
FTD1469 FS-FTD1469 Datasheet
795Kb / 8P
40V, 800mA, 1.2MHz Synchronous Buck Converter
logo
AiT Semiconductor Inc.
A7466 AITSEMI-A7466 Datasheet
621Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 60V,480KHZ,0.5A STEP-DOWN CONVERTER
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com