Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD1468 Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD1468 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD1468
Download  TD1468 Download
File Size   552.93 Kbytes
Page   8 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 60V, 2A, 480kHz Non-synchronous Buck Converter

TD1468 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD1468 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD1468
Download  TD1468 Click to download

File Size   552.93 Kbytes
Page   8 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 60V, 2A, 480kHz Non-synchronous Buck Converter

TD1468 Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD1468 Product details

General Description
The TD1468 is a monolithic, step‐down, switch mode converter
with a built‐in power MOSFET. It achieves a 2A peak‐output
current over input supply 10V‐60V with excellent load and line
regulation. Current‐mode operation provides a fast transient
response and eases loop stabilization. Fault condition
protections include cycle‐by‐cycle current limiting and thermal
shutdown.
The TD1468 requires a minimal number of readily‐available
external components.
The TD1468 is available in a ESOP‐8 package.

Features
 2A Peak Output Current
 0.7Ω Internal Power MOSFET
 Stable with Low‐ESR Ceramic Output Capacitors
 Up to 91% Efficiency
 0.1μA Shutdown Mode
 Fixed 480kHz Frequency
 Thermal Shutdown
 Cycle‐by‐Cycle Over‐Current Protection
 11V to 60V Operating Input Range
 Max duty 90%
 Available in a ESOP‐8 Package

Applications
 Power Meters
 Distributed Power Systems
 Battery Chargers
 Pre‐Regulator for Linear Regulators
 WLED Drivers




Similar Part No. - TD1468

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1464 TECHCODE-TD1464 Datasheet
343Kb / 9P
1.5A 150KHz PWM Buck DC/DC Converter
June, 11, 2019.
TD1465 TECHCODE-TD1465 Datasheet
489Kb / 9P
40V, 600MA, 1MHz synchronous Buck Converter
TD1466 TECHCODE-TD1466 Datasheet
406Kb / 8P
60V, 800MA, 480kHz Non-synchronous Buck Converter
September 12, 2019.
TD1469 TECHCODE-TD1469 Datasheet
662Kb / 9P
40V, 800MA, 1.2MHz synchronous Buck Converter
March 29, 2022
More results


Similar Description - TD1468

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
2A, 1.25MHz Synchronous Buck Converter
TS3420 TSC-TS3420 Datasheet
419Kb / 9P
2A, 1.25MHz Synchronous Buck Converter
logo
ON Semiconductor
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
First Silicon Co., Ltd
FTD1466 FS-FTD1466 Datasheet
671Kb / 7P
60V 800mA 480KHz synchronous Buck Converter
logo
AiT Semiconductor Inc.
A7466 AITSEMI-A7466 Datasheet
621Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 60V,480KHZ,0.5A STEP-DOWN CONVERTER
REV1.0
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Diodes Incorporated
AP66200 DIODES-AP66200 Datasheet
2Mb / 26P
3.8V TO 60V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com