Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBG150G Datasheet (PDF) - Sanyo Semicon Device

DBG150G Datasheet PDF - Sanyo Semicon Device
Part # DBG150G
Download  DBG150G Download
File Size   36.61 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Diffused Junction Silicon Diode 15A Single-Phase Bridge Rectifier

DBG150G Datasheet (PDF)

Go To PDF Page Download Datasheet
DBG150G Datasheet PDF - Sanyo Semicon Device

Part # DBG150G
Download  DBG150G Click to download

File Size   36.61 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Diffused Junction Silicon Diode 15A Single-Phase Bridge Rectifier

DBG150G Datasheet (HTML) - Sanyo Semicon Device


DBG150G Product details

Diffused Junction Silicon Diode

Features
• Glass passivation for high reliability.
• Plastic molded structure.
• Peak reverse voltage : VRM=600V.
• Average output current : IO=15A.




Similar Part No. - DBG150G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBG15PNBT ETC2-DBG15PNBT Datasheet
745Kb / 6P
PCB layouts
DBG15PNBT ETC2-DBG15PNBT Datasheet
745Kb / 6P
PCB layouts
DBG15PNBTD ETC2-DBG15PNBTD Datasheet
745Kb / 6P
PCB layouts
DBG15PNBTD ETC2-DBG15PNBTD Datasheet
811Kb / 6P
Plug viewed from above, socket viewed from below.
DBG15PWBT ETC2-DBG15PWBT Datasheet
745Kb / 6P
PCB layouts
More results


Similar Description - DBG150G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC15P WTE-KBPC15P Datasheet
55Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15S WTE-KBPC15S Datasheet
66Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
MP1500 WTE-MP1500_06 Datasheet
70Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G Datasheet
48Kb / 3P
Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier
DBG250G SANYO-DBG250G Datasheet
36Kb / 3P
Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
MB1505 TAITRON-MB1505 Datasheet
144Kb / 4P
15A Single-Phase Bridge Rectifier
MB1505W TAITRON-MB1505W Datasheet
144Kb / 4P
15A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBD250 SANYO-DBD250 Datasheet
47Kb / 3P
Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier
DBF150 SANYO-DBF150_10 Datasheet
44Kb / 3P
15A Single-Phase Bridge Rectifier
logo
Toshiba Semiconductor
CRG09A TOSHIBA-CRG09A Datasheet
307Kb / 7P
Rectifier Diode Silicon Diffused Junction
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com