Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7710 Datasheet (PDF) - Analog Devices

ADMV7710 Datasheet PDF - Analog Devices
Part # ADMV7710
Download  ADMV7710 Download
File Size   310.7 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 71 GHz to 76 GHz, 1 W E-Band Power Amplifier with Power Detector

ADMV7710 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV7710 Datasheet PDF - Analog Devices

Part # ADMV7710
Download  ADMV7710 Click to download

File Size   310.7 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 71 GHz to 76 GHz, 1 W E-Band Power Amplifier with Power Detector

ADMV7710 Datasheet (HTML) - Analog Devices


ADMV7710 Product details

FEATURES
Gain: 24 dB typical
Output power for 1 dB compression: 28 dBm typical
Saturated output power: 29 dBm typical
Output third-order intercept: 34 dBm typical
Input return loss: 18 dB typical
Output return loss: 10 dB typical
DC supply: 4 V at 800 mA
No external matching required
Die size: 2.999 mm × 3.999 mm × 0.05 mm
APPLICATIONS
E-band communication systems
High capacity wireless backhaul radio systems
Test and measurement




Similar Part No. - ADMV7710

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV7710 AD-ADMV7710 Datasheet
297Kb / 17P
Power Amplifier with Power Detector
Mar-2018
ADMV7710-SX AD-ADMV7710-SX Datasheet
297Kb / 17P
Power Amplifier with Power Detector
Mar-2018
ADMV7710CHIPS AD-ADMV7710CHIPS Datasheet
297Kb / 17P
Power Amplifier with Power Detector
Mar-2018
More results


Similar Description - ADMV7710

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-APH633 HITTITE-HMC-APH633 Datasheet
189Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 76 GHz
HMC-AUH318 HITTITE-HMC-AUH318_11 Datasheet
478Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 76 GHz
logo
Integrated Device Techn...
EXE8602 IDT-EXE8602 Datasheet
189Kb / 2P
71 ??86 GHz Power Detector
EXP7602 IDT-EXP7602 Datasheet
674Kb / 2P
71 GHz ??76 GHz Medium Power Amplifier
logo
Analog Devices
ADMV7310 AD-ADMV7310 Datasheet
437Kb / 29P
E-Band Upconverter SiP, 71 GHz to 76 GHz
Oct-2019
ADMV7410 AD-ADMV7410 Datasheet
849Kb / 25P
E-Band Low Noise Downconverter SiP, 71 GHz to 76 GHz
Oct-2019
HMC8118 AD-HMC8118 Datasheet
504Kb / 27P
71 GHz to 76 GHz, E-Band I/Q Upconverter
Feb-2016
HMC8326LG AD-HMC8326LG Datasheet
176Kb / 2P
E-BAND LOW NOISE DOWNCONVERTER SIP 71 - 76 GHz
HMC7586 AD-HMC7586 Datasheet
958Kb / 55P
71 GHz to 76 GHz, E-Band I/Q Downconverter
Mar-2016
HMC7584LG AD-HMC7584LG Datasheet
185Kb / 2P
E-BAND UPCONVERTER SIP 71 - 76 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com