Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5545A Datasheet (PDF) - Analog Devices

ADRF5545A Datasheet PDF - Analog Devices
Part # ADRF5545A_V01
Download  ADRF5545A Download
File Size   438.67 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End

ADRF5545A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5545A Datasheet PDF - Analog Devices

Part # ADRF5545A_V01
Download  ADRF5545A Click to download

File Size   438.67 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End

ADRF5545A Datasheet (HTML) - Analog Devices


ADRF5545A Product details

FEATURES
Integrated dual-channel RF front end
2-stage LNA and high power SPDT switch
On-chip bias and matching
Single supply operation
Gain
High gain mode: 32 dB typical at 3.6 GHz
Low gain mode: 16 dB typical at 3.6 GHz
Low noise figure
High gain mode: 1.45 dB typical at 3.6 GHz
Low gain mode: 1.45 dB typical at 3.6 GHz
High isolation
RXOUT-CHA and RXOUT-CHB: 47 dB typical
TERM-CHA and TERM-CHB: 52 dB typical
Low insertion loss: 0.65 dB typical at 3.6 GHz
High power handling at TCASE = 105°C
Full lifetime
LTE average power (9 dB PAR): 40 dBm
Single event (<10 sec operation)
LTE average power (9 dB PAR): 43 dBm
High OIP3: 32 dBm typical
Power-down mode and low gain mode for LNA
Low supply current
High gain mode: 86 mA typical at 5 V
Low gain mode: 36 mA typical at 5 V
Power-down mode: 12 mA typical at 5 V
Positive logic control
6 mm × 6 mm, 40-lead LFCSP package
APPLICATIONS
Wireless infrastructure
TDD massive multiple input and multiple output and active antenna systems
TDD-based communication systems




Similar Part No. - ADRF5545A_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5545A-EVALZ AD-ADRF5545A-EVALZ Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADRF5545ABCPZN AD-ADRF5545ABCPZN Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADRF5545ABCPZN-R7 AD-ADRF5545ABCPZN-R7 Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADRF5545ABCPZN-RL AD-ADRF5545ABCPZN-RL Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
More results


Similar Description - ADRF5545A_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2591 TI-CC2591 Datasheet
721Kb / 18P
2.4-GHz RF Front End
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
logo
Analog Devices
ADRF5545A AD-ADRF5545A Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADRF5515 AD-ADRF5515 Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
ADRF5519 AD-ADRF5519 Datasheet
1Mb / 16P
Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
4/2021-Revision 0
ADRF5547 AD-ADRF5547 Datasheet
320Kb / 15P
Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADRF5549 AD-ADRF5549 Datasheet
325Kb / 15P
Dual-Channel, 1.8 GHz to 2.8 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADRF5515A AD-ADRF5515A Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
logo
NXP Semiconductors
BTS7202U NXP-BTS7202U Datasheet
494Kb / 24P
3.3 GHz – 4.2 GHz RX Front-End Module
Rev. 6 - 2 February 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com