Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSERIES-2835-COLOR Datasheet (PDF) - Cree LED

JSERIES-2835-COLOR Datasheet PDF - Cree LED
Part # JSERIES-2835-COLOR
Download  JSERIES-2835-COLOR Download
File Size   3377.66 Kbytes
Page   91 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® JE2835 Color LEDs

JSERIES-2835-COLOR Datasheet (PDF)

Go To PDF Page Download Datasheet
JSERIES-2835-COLOR Datasheet PDF - Cree LED

Part # JSERIES-2835-COLOR
Download  JSERIES-2835-COLOR Click to download

File Size   3377.66 Kbytes
Page   91 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® JE2835 Color LEDs

JSERIES-2835-COLOR Datasheet (HTML) - Cree LED


JSERIES-2835-COLOR Product details

PRODUCT DESCRIPTION
J Series® LEDs extend Cree LED’s industry leading portfolio
of lighting class LEDs to a broader set of applications. With 14
available colors, the JE2835 N Class color LED family offers top
performance and the broadest range of options available in a
mid-power LED. JE2835 N Class color LEDs use a standard 2835
package, with most colors having the same polarity as Cree LED’s
numerous 2835 white LED options.
JE2835 N Class color LEDs are optimized for low‑density and
linear lighting applications, including architectural, horticulture
and transportation.
FEATURES
• Industry‑compatible size : 2.8 x 3.5 x 0.7 mm
• 3‑V configuration
• Available in violet, royal blue, blue, cyan, green, PC lime,
PC mint, amber, PC amber, red‑orange, PC red‑orange, red,
photo red, far red, and PC purple
• RoHS and REACH compliant
• UL® recognized component (E495478)




Similar Part No. - JSERIES-2835-COLOR

ManufacturerPart #DatasheetDescription
logo
Cree LED
JSERIES-2835-3V-N-PD CREELED-JSERIES-2835-3V-N-PD Datasheet
4Mb / 27P
J Series® 2835 3‑V N Class Precision Dimming LED
REV 0
JSERIES-2835-3V-X CREELED-JSERIES-2835-3V-X Datasheet
1Mb / 26P
J Series® 2835B 3‑V X Class LEDs
REV 1
JSERIES-2835-PHOTOPHYLL CREELED-JSERIES-2835-PHOTOPHYLL Datasheet
3Mb / 17P
J Series® 2835 Photophyll™ Select LEDs
REV 3
JSERIES-2835-PRO9 CREELED-JSERIES-2835-PRO9 Datasheet
4Mb / 41P
J Series® 2835 Pro9™ LEDs
REV 0
More results


Similar Description - JSERIES-2835-COLOR

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JRC0118 IDEA-JRC0118 Datasheet
30Kb / 1P
J Series Surface Mount LEDs
logo
Everlight Electronics C...
67-22VRVGC-TR8 EVERLIGHT-67-22VRVGC-TR8 Datasheet
194Kb / 10P
Bi-Color (Multi-Color) Top LEDs
08-05-2004
logo
Cree, Inc
JB30303-V CREE-JB30303-V Datasheet
3Mb / 34P
Cree J Series 3030 LEDs
JE28353-V CREE-JE28353-V Datasheet
3Mb / 29P
Cree J Series 2835 LEDs
JB5630 CREE-JB5630 Datasheet
3Mb / 26P
Cree짰 J Series??5630 LEDs
JB20163-V CREE-JB20163-V Datasheet
11Mb / 26P
Cree짰 J Series??2016 LEDs
JK283518-V CREE-JK283518-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 18-V LEDs
JQ5050 CREE-JQ5050 Datasheet
4Mb / 26P
Cree짰 J Series??5050 9?멫 LEDs
2835LED CREE-2835LED Datasheet
5Mb / 28P
J Series??2835 LEDs
JE2835 CREE-JE2835 Datasheet
4Mb / 86P
J Series® JE2835 Color LEDs
REV 0
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com