Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSERIES-3030-HE Datasheet (PDF) - Cree LED

JSERIES-3030-HE Datasheet PDF - Cree LED
Part # JSERIES-3030-HE
Download  JSERIES-3030-HE Download
File Size   4306.23 Kbytes
Page   33 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® 3030 High‑Efficacy LEDs

JSERIES-3030-HE Datasheet (PDF)

Go To PDF Page Download Datasheet
JSERIES-3030-HE Datasheet PDF - Cree LED

Part # JSERIES-3030-HE
Download  JSERIES-3030-HE Click to download

File Size   4306.23 Kbytes
Page   33 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® 3030 High‑Efficacy LEDs

JSERIES-3030-HE Datasheet (HTML) - Cree LED


JSERIES-3030-HE Product details

PRODUCT DESCRIPTION
J Series® LEDs extend Cree LED’s industry-leading portfolio of
lighting‑class LEDs to a broader set of applications. The J Series
3030 High‑Efficacy (HE) LEDs deliver relentless performance with
best‑in‑class corrosion resistance. The J Series 3030 HE LED is
the only solution for industrial applications expecting durable and
reliable high‑performance lighting in the most extreme conditions.
FEATURES
• Industry‑compatible size : 3.0 x 3.0 x 0.5 mm
• 3‑V and 6‑V configurations
• Flux and chromaticity binned at 25 °C
• 6500 K–2700 K ANSI CCTs available for 70, 80 & 90 CRI
• RoHS and REACH compliant
• UL® recognized component (E495478)




Similar Part No. - JSERIES-3030-HE

ManufacturerPart #DatasheetDescription
logo
Cree LED
JSERIES-3030 CREELED-JSERIES-3030 Datasheet
4Mb / 35P
J Series® 3030 LEDs
REV 7
More results


Similar Description - JSERIES-3030-HE

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
JB30303-V CREE-JB30303-V Datasheet
3Mb / 34P
Cree J Series 3030 LEDs
JE28353-V CREE-JE28353-V Datasheet
3Mb / 29P
Cree J Series 2835 LEDs
JB5630 CREE-JB5630 Datasheet
3Mb / 26P
Cree짰 J Series??5630 LEDs
2835LED CREE-2835LED Datasheet
5Mb / 28P
J Series??2835 LEDs
logo
Seoul Semiconductor
STFRC12B SEOUL-STFRC12B Datasheet
973Kb / 18P
Horticulture ??3030 series
STDRC12B SEOUL-STDRC12B Datasheet
974Kb / 18P
Horticulture ??3030 series
logo
Lumileds Lighting Compa...
L130-2780HB30000B1 LUMILEDS-L130-2780HB30000B1 Datasheet
2Mb / 22P
Industry leading efficacy, 3V 3030 package
20210120
logo
Cree, Inc
JE2835 CREE-JE2835 Datasheet
4Mb / 86P
J Series® JE2835 Color LEDs
REV 0
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
Bridgelux® SMD 3030 Series
05/2016
logo
ams AG
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com