Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSERIES-3030 Datasheet (PDF) - Cree LED

JSERIES-3030 Datasheet PDF - Cree LED
Part # JSERIES-3030
Download  JSERIES-3030 Download
File Size   4876.71 Kbytes
Page   35 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® 3030 LEDs

JSERIES-3030 Datasheet (PDF)

Go To PDF Page Download Datasheet
JSERIES-3030 Datasheet PDF - Cree LED

Part # JSERIES-3030
Download  JSERIES-3030 Click to download

File Size   4876.71 Kbytes
Page   35 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® 3030 LEDs

JSERIES-3030 Datasheet (HTML) - Cree LED


JSERIES-3030 Product details

PRODUCT DESCRIPTION
J Series® LEDs extend Cree LED’s industry-leading portfolio of
lighting‑class LEDs to a broader set of applications. The J Series
3030 Standard LEDs combine high efficacy and excellent value in
a reliable package. The J Series 3030 Standard LEDs are optimized
for applications where high efficacy and smooth appearance are
critical, such as troffers, panel and outdoor area lights.
FEATURES
• Industry‑compatible size : 3.0 x 3.0 x 0.5 mm
• 3‑V and 6‑V configurations
• Flux binned at 25 °C, chromaticity binned at 85 °C
• 6500 K–2200 K ANSI CCTs available
• 70, 80 & 90 CRI minmum available at 6500 K–2700 K
• 80 CRI minmum available at 2200 K
• RoHS and REACH compliant
• UL® recognized component (E495478)




Similar Part No. - JSERIES-3030

ManufacturerPart #DatasheetDescription
logo
Cree LED
JSERIES-3030-HE CREELED-JSERIES-3030-HE Datasheet
4Mb / 33P
J Series® 3030 High‑Efficacy LEDs
REV 5
More results


Similar Description - JSERIES-3030

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JRC0118 IDEA-JRC0118 Datasheet
30Kb / 1P
J Series Surface Mount LEDs
logo
Cree, Inc
JB30303-V CREE-JB30303-V Datasheet
3Mb / 34P
Cree J Series 3030 LEDs
JE28353-V CREE-JE28353-V Datasheet
3Mb / 29P
Cree J Series 2835 LEDs
JB5630 CREE-JB5630 Datasheet
3Mb / 26P
Cree짰 J Series??5630 LEDs
JB20163-V CREE-JB20163-V Datasheet
11Mb / 26P
Cree짰 J Series??2016 LEDs
2835LED CREE-2835LED Datasheet
5Mb / 28P
J Series??2835 LEDs
logo
Seoul Semiconductor
STFRC12B SEOUL-STFRC12B Datasheet
973Kb / 18P
Horticulture ??3030 series
STDRC12B SEOUL-STDRC12B Datasheet
974Kb / 18P
Horticulture ??3030 series
logo
Cree, Inc
JE2835 CREE-JE2835 Datasheet
4Mb / 86P
J Series® JE2835 Color LEDs
REV 0
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
Bridgelux® SMD 3030 Series
05/2016
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com