Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS817BG Datasheet (PDF) - Vishay Siliconix

HS817BG Datasheet PDF - Vishay Siliconix
Part # HS817BG
Download  HS817BG Download
File Size   313.94 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Transistor Output

HS817BG Datasheet (PDF)

Go To PDF Page Download Datasheet
HS817BG Datasheet PDF - Vishay Siliconix

Part # HS817BG
Download  HS817BG Click to download

File Size   313.94 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Transistor Output

HS817BG Datasheet (HTML) - Vishay Siliconix


HS817BG Product details

FEATURES
• Rated impulse voltage (transient overvoltage)
VIOTM = 6 kVpeak
• Isolation test voltage (partial discharge test
voltage) Vpd = 1.6 kV
• Rated isolation voltage (RMS includes DC)
VIOWM = 600 VRMS
• Rated recurring peak voltage (repetitive)
VIORM = 850 Vpeak
• Creepage current resistance according to IEC 112,
comparative tracking index: CTI  250
• Thickness through insulation  0.4 mm
• Isolation materials according to UL 94 V-O
• Pollution degree 2 (resp. IEC 664)
• Climatic classification 55/100/21 (IEC 68 part 1)
• Low temperature coefficient of CTR
• G = leadform 10.16 mm; provides creepage distance
> 8 mm, suffix letter “G” is not marked on the optocoupler
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC

APPLICATIONS
• Switch-mode power supplies
• Line receiver
• Computer peripheral interface
• Microprocessor system interface

DESCRIPTION
The HS817 series consists of a phototransistor optically
coupled to a gallium arsenide infrared-emitting diode in a
4-lead plastic dual inline package.




Similar Part No. - HS817BG

ManufacturerPart #DatasheetDescription
logo
Suzhou Huaxin Micro-ele...
HS8108 HUAXIN-HS8108 Datasheet
109Kb / 9P
PC half-bridge (or 494) power supply supervisor two 431 PWM
Ver. 060122
HS8108B HUAXIN-HS8108B Datasheet
109Kb / 9P
PC half-bridge (or 494) power supply supervisor two 431 PWM
Ver. 060122
HS8110 HUAXIN-HS8110 Datasheet
145Kb / 9P
Computer switching power supply controller
Ver 1.0
More results


Similar Description - HS817BG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
Optocoupler with Phototransistor Output
11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
Optocoupler with Phototriac Output
13-Sep-99
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
Optocoupler with Phototransistor Output
15-Dec-00
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
Optocoupler with Photodarlington Output
15-Dec-00
logo
Sensitron
SHD-4136-XXX SENSITRON-SHD-4136-XXX Datasheet
85Kb / 4P
Transistor Output Optocoupler
logo
Vishay Siliconix
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
logo
IXYS Corporation
CPC1303 IXYS-CPC1303 Datasheet
129Kb / 6P
Optocoupler with Single-Transistor Output
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com