Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1654C Datasheet (PDF) - Sanyo Semicon Device

LA1654C Datasheet PDF - Sanyo Semicon Device
Part # LA1654C
Download  LA1654C Download
File Size   105.96 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC Time Code Reception IC

LA1654C Datasheet (PDF)

Go To PDF Page Download Datasheet
LA1654C Datasheet PDF - Sanyo Semicon Device

Part # LA1654C
Download  LA1654C Click to download

File Size   105.96 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC Time Code Reception IC

LA1654C Datasheet (HTML) - Sanyo Semicon Device


LA1654C Product details

Overview
The LA1654C time code reception IC receives long-wave time standard broadcasts (such as the Japanese JJY and German DCF77 standards) and detects and outputs the time code superposed on the long-wave signal.
Applications can automatically correct their clocks time setting by using the time code received by the LA1654C. Note that the LA1654C is a bare chip product that is not packaged.

Features
• Low-voltage operation (operating VCC as low as 1.5V).
• Standby mode current drain less than or equal to 0.05µA.
    Japan : JJY 40/60kHz
    Germany : DCF77 77.5kHz

Functions
• RF amplifier, rectifier, detector, time code output, and standby circuit.




Similar Part No. - LA1654C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
Time Code Reception IC
More results


Similar Description - LA1654C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1650 SANYO-LA1650 Datasheet
94Kb / 14P
Time Code Reception ICs
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
MONOLITHIC LINEAR IC
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
Monolithic Linear IC I2C Bus Control IC
LA7520N SANYO-LA7520N Datasheet
134Kb / 3P
Monolithic Linear IC
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
Monolithic Linear IC Time Code Reception IC
LA76850 SANYO-LA76850 Datasheet
284Kb / 31P
Monolithic Linear IC Black & White Television IC
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
Time Code Reception IC
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
Monolithic Linear IC FM IF Detector IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
Monolithic Linear IC
February, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com