Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1650 Datasheet (PDF) - Sanyo Semicon Device

LA1650 Datasheet PDF - Sanyo Semicon Device
Part # LA1650
Download  LA1650 Download
File Size   94.4 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Time Code Reception ICs

LA1650 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA1650 Datasheet PDF - Sanyo Semicon Device

Part # LA1650
Download  LA1650 Click to download

File Size   94.4 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Time Code Reception ICs

LA1650 Datasheet (HTML) - Sanyo Semicon Device


LA1650 Product details

Overview
The LA1650 and LA1650C receive long-wave time standard broadcasts (JG2AS in Japan and DCF77 in Germany) and detect and output the time code multiplexed on the long-wave time standard broadcast signal. Clocks can automatically correct their time using the time code information received by the LA1650 and LA1650C.

Features
• Low-voltage operation (VCC op = 1.2 V and higher)
• Low current drain (500 µA for @ 10 dBµ V input)
• Standby mode current: Less than 1 µA
• High sensitivity (Reception is possible at Vin = 10 dBµ V.)
• Packages: DIP18 (LA1650) Chip (LA1650C)

Functions
• RF amplifier, rectifier, detector, time code output, standby circuit




Similar Part No. - LA1650

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
Monolithic Linear IC Time Code Reception IC
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
Monolithic Linear IC Time Code Reception IC
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
Time Code Reception IC
logo
LIGITEK electronics co....
LA165B-R-4SRG.X-AS-PF LIGITEK-LA165B-R-4SRG.X-AS-PF Datasheet
125Kb / 7P
LED ARRAY
LA165B-R-4SRG.X-PF LIGITEK-LA165B-R-4SRG.X-PF Datasheet
125Kb / 7P
LED ARRAY
More results


Similar Description - LA1650

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4224B TEMIC-U4224B Datasheet
225Kb / 17P
Time Code Receiver
logo
Agilent(Hewlett-Packard...
HBCR-2210 HP-HBCR-2210 Datasheet
153Kb / 15P
Programmable Bar Code Decode ICs
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
SMPTE Time Code Receiver/Generator
Rev D 4/05/05
logo
OKI electronic componet...
ML6190B OKI-ML6190B Datasheet
108Kb / 11P
Longwave Time Code RF Receiver LSI
logo
Sanyo Semicon Device
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
Monolithic Linear IC Time Code Reception IC
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
Monolithic Linear IC Time Code Reception IC
logo
Rohm
BU1572GUW ROHM-BU1572GUW Datasheet
431Kb / 13P
Real Time Video Processor ICs
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
logo
Sanyo Semicon Device
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
Time Code Reception IC
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
SMPTE Time Code Receiver/Generator
2019
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com