Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB720A Datasheet (PDF) - OPTEK Technologies

OPB720A Datasheet PDF - OPTEK Technologies
Part # OPB720A
Download  OPB720A Download
File Size   305.7 Kbytes
Page   5 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Long Distance Reflective Switch

OPB720A Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB720A Datasheet PDF - OPTEK Technologies

Part # OPB720A
Download  OPB720A Click to download

File Size   305.7 Kbytes
Page   5 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Long Distance Reflective Switch

OPB720A Datasheet (HTML) - OPTEK Technologies


OPB720A Product details

Description:
The OPB720A and OPB720B Series reflective switches detects objects as far away as 12” (305 mm) using standard 90% reflective material, and can detect objects as small as 0.08” (2 mm). The OPB720 series consist of three standard reflective switching distances -06Z for typically 6” (152 mm), -12Z for typically 12” (305 mm) and -30VZ for typically 30” (762 mm). The power supply voltage range of the OPB720A series is 10 to 30 volts while the power supply voltage range for the OPB720B is 4 to 7 volts.

Features:
• 0.04” to 12” (1 mm to 305 mm) with 90% reflective material.
   (Typical Maximum detection distance to be set at factory)
• Recognizes objects as small as 0.08” (2 mm)
• Ambient light rejection < 100K Lux
• Open collector output
• Cable length 39” (990 mm) lead length 28 AWG wire

Applications:
• Conveyer belt package recognition
• Personnel movement recognition
• Near-focus security systems
• Hand wash and soap dispensing stations
• Toilet and urinal sensors
• Product dispensing systems




Similar Part No. - OPB720A

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB720A TTELEC-OPB720A Datasheet
989Kb / 5P
Long Distance Reflective Switch
logo
OPTEK Technologies
OPB720A-06Z OPTEK-OPB720A-06Z Datasheet
287Kb / 5P
Long Distance Reflective Switch
logo
TT Electronics.
OPB720A-06Z TTELEC-OPB720A-06Z Datasheet
989Kb / 5P
Long Distance Reflective Switch
logo
OPTEK Technologies
OPB720A-12Z OPTEK-OPB720A-12Z Datasheet
287Kb / 5P
Long Distance Reflective Switch
logo
TT Electronics.
OPB720A-12Z TTELEC-OPB720A-12Z Datasheet
989Kb / 5P
Long Distance Reflective Switch
More results


Similar Description - OPB720A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB720 OPTEK-OPB720 Datasheet
155Kb / 2P
Long Distance Reflective Switch
OPB732 OPTEK-OPB732 Datasheet
135Kb / 3P
Long Distance Reflective Switch
logo
Sharp Corporation
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
Long Focal Distance, Reflective Type Photointerrupter
logo
OPTEK Technologies
OPB725 OPTEK-OPB725 Datasheet
195Kb / 3P
Long Distance Reflective Switch
OPB720A OPTEK-OPB720A_14 Datasheet
287Kb / 5P
Long Distance Reflective Switch
logo
TT Electronics.
OPB720A TTELEC-OPB720A Datasheet
989Kb / 5P
Long Distance Reflective Switch
OPB732 TTELEC-OPB732 Datasheet
968Kb / 4P
Long Distance Reflective Switch
OPB720 TTELEC-OPB720 Datasheet
161Kb / 2P
Long Distance Reflective Switch
OPB725 TTELEC-OPB725 Datasheet
200Kb / 3P
Long Distance Reflective Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com