Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB725 Datasheet (PDF) - OPTEK Technologies

OPB725 Datasheet PDF - OPTEK Technologies
Part # OPB725
Download  OPB725 Download
File Size   195.29 Kbytes
Page   3 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Long Distance Reflective Switch

OPB725 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB725 Datasheet PDF - OPTEK Technologies

Part # OPB725
Download  OPB725 Click to download

File Size   195.29 Kbytes
Page   3 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Long Distance Reflective Switch

OPB725 Datasheet (HTML) - OPTEK Technologies


OPB725 Product details

Description:
OPB725 uses an Infrared LED and Photologic® sensor in a reflective switch configuration. The assembly is offered with a standard wire length of 48” [122 cm], and uses an opaque housing to reduce the sensor’s ambient light sensitivity. The emitter and sensor are protected by a window clear to near infrared wavelengths, providing a device that can operate in a dusty environment. The Photologic® sensor has an NPN Open-Collector output providing the user a device that can be used in a variety of applications.

Features:
• Remote mounting in 18 mm hole
• 48” (122 cm) 26 AWG wired with mounting nuts
• Non-contact infrared switch
• Up to 24” or more reflective distance depending on object

Applications:
• Non-contact reflective object sensor
• Assembly line automation
• Machine automation
• Equipment security
• Door sensor
• Machine safety
• End of travel sensor




Similar Part No. - OPB725

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB725 TTELEC-OPB725 Datasheet
200Kb / 3P
Long Distance Reflective Switch
OPB725A-18Z TTELEC-OPB725A-18Z Datasheet
200Kb / 3P
Long Distance Reflective Switch
More results


Similar Description - OPB725

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB720 OPTEK-OPB720 Datasheet
155Kb / 2P
Long Distance Reflective Switch
OPB732 OPTEK-OPB732 Datasheet
135Kb / 3P
Long Distance Reflective Switch
logo
Sharp Corporation
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
Long Focal Distance, Reflective Type Photointerrupter
logo
OPTEK Technologies
OPB720A OPTEK-OPB720A Datasheet
305Kb / 5P
Long Distance Reflective Switch
OPB720A OPTEK-OPB720A_14 Datasheet
287Kb / 5P
Long Distance Reflective Switch
logo
TT Electronics.
OPB720A TTELEC-OPB720A Datasheet
989Kb / 5P
Long Distance Reflective Switch
OPB732 TTELEC-OPB732 Datasheet
968Kb / 4P
Long Distance Reflective Switch
OPB720 TTELEC-OPB720 Datasheet
161Kb / 2P
Long Distance Reflective Switch
OPB725 TTELEC-OPB725 Datasheet
200Kb / 3P
Long Distance Reflective Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com