Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1830237 Datasheet (PDF) - PHOENIX CONTACT

1830237 Datasheet PDF - PHOENIX CONTACT
Part # 1830237
Download  1830237 Download
File Size   828.38 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCD 1,5/15-GF-3,81 - PCB header

1830237 Datasheet (PDF)

Go To PDF Page Download Datasheet
1830237 Datasheet PDF - PHOENIX CONTACT

Part # 1830237
Download  1830237 Click to download

File Size   828.38 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCD 1,5/15-GF-3,81 - PCB header

1830237 Datasheet (HTML) - PHOENIX CONTACT


1830237 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 30, number
of rows: 2, number of positions: 15, number of connections: 30, product range: MCD 1,5/..-GF,
pitch: 3.81 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange,
type of packaging: packed in cardboard, In combination with MCV plug components, both an
MCVW and an MCVR plug must be used.

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1830237

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1830208 PHOENIX-1830208 Datasheet
136Kb / 5P
QC 0,5/12-STF-3,81
1830211 PHOENIX-1830211 Datasheet
136Kb / 5P
QC 0,5/13-STF-3,81
1830224 PHOENIX-1830224 Datasheet
143Kb / 6P
MC 1,5/14-STF-3,81
1830224 PHOENIX-1830224 Datasheet
136Kb / 5P
QC 0,5/14-STF-3,81
logo
TE Connectivity Ltd
183024-1 TEC-183024-1 Datasheet
2Mb / 5P
AMP Superseal 1.5mm Series, Housing for Male Terminals, Wire-to-Board / Wire-to-Device / Wire-to-Wire, 2 Position, .236in [6mm]
12/21/2021 06:03AM
More results


Similar Description - 1830237

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1830622 PHOENIX-1830622 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 5-GF-3,81
Jul 20, 2022
1827897 PHOENIX-1827897 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 5-GF-3,81
Jul 20, 2022
1827907 PHOENIX-1827907 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 6-GF-3,81
Jul 20, 2022
1830606 PHOENIX-1830606 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 3-GF-3,81
Jul 20, 2022
1842979 PHOENIX-1842979 Datasheet
659Kb / 17P
PCB header - MCD 1,5/ 8-G1F-3,81
Jul 21, 2022
1830318 PHOENIX-1830318 Datasheet
782Kb / 17P
PCB header - MCDV 1,5/ 8-GF-3,81
Nov 30, 2022
1830130 PHOENIX-1830130 Datasheet
1Mb / 16P
PCB header - MCD 1,5/ 5-GF-3,81
Jan 3, 2023
1842940 PHOENIX-1842940 Datasheet
666Kb / 17P
PCB header - MCD 1,5/ 5-G1F-3,81
1843059 PHOENIX-1843059 Datasheet
666Kb / 17P
PCB header - MCD 1,5/15-G1F-3,81
1830169 PHOENIX-1830169 Datasheet
1,010Kb / 16P
MCD 1,5/ 8-GF-3,81 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com