Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX00039 Datasheet (PDF) - Arduino

ASX00039 Datasheet PDF - Arduino
Part # ASX00039
Download  ASX00039 Download
File Size   1509.42 Kbytes
Page   15 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® GIGA Display Shield

ASX00039 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASX00039 Datasheet PDF - Arduino

Part # ASX00039
Download  ASX00039 Click to download

File Size   1509.42 Kbytes
Page   15 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® GIGA Display Shield

ASX00039 Datasheet (HTML) - Arduino


ASX00039 Product details

Description
The Arduino® GIGA Display Shield is an easy way to add a touchscreen display with orientation detection to your Arduino® GIGA R1 WiFi board.

Features
Note: The GIGA Display Shield requires a GIGA R1 WiFi board to function. It has no microcontroller and cannot be
programmed independently.
KD040WVFID026-01-C025A 3.97" TFT Display
480x800 resolution
16.7 million colors
0.108 mm pixel size
Capacitive Touch sensor
5-point and gesture support
Edge LED backlight
BMI270 6-axis IMU (Accelerometer and Gyroscope)
16-bit
3-axis accelerometer with ±2g/±4g/±8g/±16g range
3-axis gyroscope with ±125dps/±250dps/±500dps/±1000dps/±2000dps range
SMLP34RGB2W3 RGB LED
Common Anode
IS31FL3197-QFLS2-TR Driver with integrated charge pump
MP34DT06JTR Digital Microphone
AOP = 122.5 dbSPL
64 dB signal-to-noise ratio
Omnidirectional sensitivity
–26 dBFS ± 3 dB sensitivity
I/O
GIGA Connector
2.54 mm Camera Connector




Similar Part No. - ASX00039

ManufacturerPart #DatasheetDescription
logo
Arduino
ASX00031 ARDUINO-ASX00031 Datasheet
2Mb / 18P
Arduino® Portenta Breakout Board
15/11/2024
ASX00037 ARDUINO-ASX00037 Datasheet
1Mb / 10P
Arduino® Nano Screw Terminal Adapter
15/11/2024
ASX00037-3P ARDUINO-ASX00037-3P Datasheet
1Mb / 10P
Arduino® Nano Screw Terminal Adapter
15/11/2024
More results


Similar Description - ASX00039

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
logo
Newhaven Display Intern...
NHD-1.69-AU-SHIELD NEWHAVEN-NHD-1.69-AU-SHIELD Datasheet
1Mb / 13P
Graphic Color OLED Display Module Arduino UNO Shield
NHD-4.3CTP-SHIELD-L NEWHAVEN-NHD-4.3CTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-N NEWHAVEN-NHD-4.3CTP-SHIELD-N Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-V NEWHAVEN-NHD-4.3CTP-SHIELD-V Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3RTP-SHIELD-L NEWHAVEN-NHD-4.3RTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
logo
Arduino
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com