Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABX00083 Datasheet (PDF) - Arduino

ABX00083 Datasheet PDF - Arduino
Part # ABX00083
Download  ABX00083 Download
File Size   2444.13 Kbytes
Page   20 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® Nano ESP32

ABX00083 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABX00083 Datasheet PDF - Arduino

Part # ABX00083
Download  ABX00083 Click to download

File Size   2444.13 Kbytes
Page   20 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® Nano ESP32

ABX00083 Datasheet (HTML) - Arduino


ABX00083 Product details

Description
The Arduino Nano ESP32 (with and without headers) is a Nano form factor board based on the ESP32-S3
(embedded in the NORA-W106-10B from u-blox®). This is the first Arduino board to be based fully on an ESP32,
and features Wi-Fi® as well as Bluetooth® LE.
The Nano ESP32 is compatible with the Arduino IoT Cloud, and has support for MicroPython. It is an ideal board for
getting started with IoT development.

Features
Xtensa® Dual-core 32-bit LX7 Microprocessor
Up to 240 MHz
384 kB ROM
512 kB SRAM
16 kB SRAM in RTC (low power mode)
DMA Controller
Power
Operating voltage 3.3 V
VUSB supplies 5 V via USB-C® connector
VIN range is 6-21 V
Connectivity
Wi-Fi®
Bluetooth® LE
Built-in antenna
2.4 GHz transmitter/receiver
Up to 150 Mbps
Pins
14x digital (21x including analog)
8x analog (available in RTC mode)
SPI(D11,D12,D13), I2C (A4/A5), UART(D0/D1)
Communication Ports
SPI
I2C
I2S
UART
CAN (TWAI®)
Low Power
7 μA consumption in deep sleep mode
240 μA consumption in light sleep mode
RTC Memory
Ultra Low Power (ULP) Coprocessor
Power Management Unit (PMU)
ADC in RTC mode




Similar Part No. - ABX00083

ManufacturerPart #DatasheetDescription
logo
Arduino
ABX00083 ARDUINO-ABX00083_V01 Datasheet
4Mb / 41P
Arduino® Nano ESP32
15/11/2024
More results


Similar Description - ABX00083

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A000005 ETC-A000005 Datasheet
303Kb / 4P
The Arduino Nano is a small, complete, and breadboard-friendly board based on the ATmega328 (Arduino Nano 3.0) or ATmega168 (Arduino Nano 2.x).
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
AKX00032 ETC-AKX00032 Datasheet
4Mb / 25P
Arduino® Portenta Machine Control
logo
Arduino
ABX00027 ARDUINO-ABX00027 Datasheet
792Kb / 15P
Arduino® Nano 33 IoT
03/08/2022
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
Arduino® Nano Every
03/08/2022
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
Arduino® Nano 33 BLE
03/08/2022
ABX00031 ARDUINO-ABX00031 Datasheet
487Kb / 14P
Arduino® Nano 33 BLE Sense
29/08/2023
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
Arduino® Nano RP2040 Connect
12/07/2022
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
ABX00087 ARDUINO-ABX00087 Datasheet
8Mb / 23P
Arduino® UNO R4 WiFi
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com