Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABX00028 Datasheet (PDF) - Arduino

ABX00028 Datasheet PDF - Arduino
Part # ABX00028
Download  ABX00028 Download
File Size   477.97 Kbytes
Page   12 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® Nano Every

ABX00028 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABX00028 Datasheet PDF - Arduino

Part # ABX00028
Download  ABX00028 Click to download

File Size   477.97 Kbytes
Page   12 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® Nano Every

ABX00028 Datasheet (HTML) - Arduino


ABX00028 Product details

Description
Nano Every is a miniature sized module containing an ATMega4809 AVR processor and an ATSAMD11D14A ARM Cortex M0+ processor
to act as a bridge between USB and the main AVR processor. The module can either be mounted as a DIP component (when mounting
pin headers), or as a SMT component, directly soldering it via the castellated pads.

Features
ATMega4809
Processor
AVR CPU at up to 20 MHz
48KB Flash
6KB SRAM
256B EEPROM
Power On Reset (POR) and Brown Out Detection (BOD)
Peripherals
1x 16-bit Timer/Counter with a dedicated period register and 3x compare channels
4x 16-bit Timer/Counter with input capture
1x 16-bit Real-Time Counter (RTC) running from an external crystal or an internal RC oscillator
4x USART with fractional baud rate generator, auto-baud, and start-of-frame detection
1x Master/slave Serial Peripheral Interface (SPI)
1x Dual mode Master/Slave TWI with dual address match 6x 16 bit Timers (1 dedicated to RTC)
Event System for CPU independent and predictable inter-peripheral signaling
Configurable Custom Logic (CCL) with up to four programmable Look-up Tables (LUT)
1x Analog Comparator (AC) with a scalable reference input
Watchdog Timer with Window mode, with separate on-chip oscillator
External interrupt on all general purpose pins
ATSAMD11D14A
Processor
ARM Cortex M0+ at up to 48 MHz
16KB Flash
4KB SRAM
Power On Reset (POR) and Brown Out Detection (BOD)
One full-speed (12Mbps) Universal Serial Bus (USB) 2.0 interface
Embedded device function
Eight endpoints
Standard firmware for USB-UART bridge
Can be reprogrammed for other USB classes
UART connection to ATMega4809
Field upgradeable through USB Bootloader
MPM3610 (DC-DC)
Regulates input voltage from up to 21V with a minimum of 65% efficiency @minimum load
More than 85% efficiency @12V
AP2112K-3,3 (LDO)
Regulates input voltage from 5V to 3.3V
Up to 550mA output current for user application (recommended max 200mA)




Similar Part No. - ABX00028

ManufacturerPart #DatasheetDescription
logo
AG Electronica
ABX00028 AGELECTRONICA-ABX00028 Datasheet
414Kb / 4P
ARDUINO NANO EVERY.
4/12/2021
logo
Arduino
ABX00028 ARDUINO-ABX00028_V01 Datasheet
644Kb / 13P
Arduino® Nano Every
15/11/2024
More results


Similar Description - ABX00028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A000005 ETC-A000005 Datasheet
303Kb / 4P
The Arduino Nano is a small, complete, and breadboard-friendly board based on the ATmega328 (Arduino Nano 3.0) or ATmega168 (Arduino Nano 2.x).
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
AKX00032 ETC-AKX00032 Datasheet
4Mb / 25P
Arduino® Portenta Machine Control
logo
Arduino
ABX00027 ARDUINO-ABX00027 Datasheet
792Kb / 15P
Arduino® Nano 33 IoT
03/08/2022
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
Arduino® Nano 33 BLE
03/08/2022
ABX00031 ARDUINO-ABX00031 Datasheet
487Kb / 14P
Arduino® Nano 33 BLE Sense
29/08/2023
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
Arduino® Nano RP2040 Connect
12/07/2022
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
ABX00087 ARDUINO-ABX00087 Datasheet
8Mb / 23P
Arduino® UNO R4 WiFi
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com