Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABX00030 Datasheet (PDF) - Arduino

ABX00030 Datasheet PDF - Arduino
Part # ABX00030
Download  ABX00030 Download
File Size   403.83 Kbytes
Page   12 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® Nano 33 BLE

ABX00030 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABX00030 Datasheet PDF - Arduino

Part # ABX00030
Download  ABX00030 Click to download

File Size   403.83 Kbytes
Page   12 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® Nano 33 BLE

ABX00030 Datasheet (HTML) - Arduino


ABX00030 Product details

Description
Nano 33 BLE is a miniature sized module containing a NINA B306 module, based on Nordic nRF52480 and containing a Cortex M4F and
a 9 axis IMU. The module can either be mounted as a DIP component (when mounting pin headers), or as a SMT component, directly
soldering it via the castellated pads.
Target areas:

Features
NINA B306 Module
Processor
64 MHz Arm® Cortex-M4F (with FPU)
1 MB Flash + 256 KB RAM
Bluetooth® 5 multiprotocol radio
2 Mbps
CSA #2
Advertising Extensions
Long Range
+8 dBm TX power
-95 dBm sensitivity
4.8 mA in TX (0 dBm)
4.6 mA in RX (1 Mbps)
Integrated balun with 50 Ω single-ended output
IEEE 802.15.4 radio support
Thread
Zigbee
Peripherals
Full-speed 12 Mbps USB
NFC-A tag
Arm CryptoCell CC310 security subsystem
QSPI/SPI/TWI/I²S/PDM/QDEC
High speed 32 MHz SPI
Quad SPI interface 32 MHz
EasyDMA for all digital interfaces
12-bit 200 ksps ADC
128 bit AES/ECB/CCM/AAR co-processor
LSM9DS1 (9 axis IMU)
3 acceleration channels, 3 angular rate channels, 3 magnetic field channels
±2/±4/±8/±16 g linear acceleration full scale
±4/±8/±12/±16 gauss magnetic full scale
±245/±500/±2000 dps angular rate full scale
16-bit data output
MPM3610 DC-DC
Regulates input voltage from up to 21V with a minimum of 65% efficiency @minimum load
More than 85% efficiency @12V




Similar Part No. - ABX00030

ManufacturerPart #DatasheetDescription
logo
AG Electronica
ABX00030 AGELECTRONICA-ABX00030 Datasheet
401Kb / 4P
PLACA DE DESARROLLO ARDUINO NANO 33 BLE
18/06/2019
logo
Arduino
ABX00030 ARDUINO-ABX00030_V01 Datasheet
560Kb / 12P
Arduino® Nano 33 BLE
15/11/2024
More results


Similar Description - ABX00030

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
WRL-13729 SPARKFUN-WRL-13729 Datasheet
156Kb / 2P
RedBearLab BLE Nano - nRF51822
11/16/2015
WRL-13730 SPARKFUN-WRL-13730 Datasheet
158Kb / 2P
RedBearLab BLE Nano Kit - nRF51822
11/16/2015
logo
List of Unclassifed Man...
A000005 ETC-A000005 Datasheet
303Kb / 4P
The Arduino Nano is a small, complete, and breadboard-friendly board based on the ATmega328 (Arduino Nano 3.0) or ATmega168 (Arduino Nano 2.x).
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
logo
Arduino
ABX00027 ARDUINO-ABX00027 Datasheet
792Kb / 15P
Arduino® Nano 33 IoT
03/08/2022
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
Arduino® Nano Every
03/08/2022
ABX00031 ARDUINO-ABX00031 Datasheet
487Kb / 14P
Arduino® Nano 33 BLE Sense
29/08/2023
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
Arduino® Nano RP2040 Connect
12/07/2022
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com