Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD701DPYR Datasheet (PDF) - Texas Instruments

ESD701DPYR Datasheet PDF - Texas Instruments
Part # ESD701DPYR
Download  ESD701DPYR Download
File Size   1241.78 Kbytes
Page   16 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD701 Low Capacitance ESD Diode for RF and ADAS Signal Protection

ESD701DPYR Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD701DPYR Datasheet PDF - Texas Instruments

Part # ESD701DPYR
Download  ESD701DPYR Click to download

File Size   1241.78 Kbytes
Page   16 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD701 Low Capacitance ESD Diode for RF and ADAS Signal Protection

ESD701DPYR Datasheet (HTML) - Texas Instruments


ESD701DPYR Product details

1 Features
• IEC 61000-4-2 ESD Protection:
– ±15kV contact discharge
– ±15kV air gap discharge
• IEC 61000-4-5 surge protection:
– 3A (8/20μs)
• I/O capacitance: 0.3pF (typical)
• Ultra low leakage current: 2nA (typical)
• Low dynamic resistance 0.84Ω (typical)
• Industry standard 0402 package

2 Applications
• Automotive Antenna ESD Protection
• RF Signal ESD Protection
• Near Field Communications (NFC)
• Automotive SerDes w/Power over Coax
• USB Type-C (short-to-Vbus tolerant)

3 Description
The ESD701 is a bidirectional ESD protection diode.
The ESD701 is offered in the industry standard
0402 (DPY) package, and offers an IEC 61000-4-2
protection level of 15kV. The device can clamp
8/20μs surges with peak pulse currents up to 3A in
accordance with the IEC 61000-4-5 standard.
The low capacitance and low leakage current help to
ensure protection against transient events in a variety
of systems and applications. This protection is key for
many applications, such as smaller form factors and
faster data speeds, which are becoming more popular
over time.




Similar Part No. - ESD701DPYR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ESD701DPYR-TP TECHPUBLIC-ESD701DPYR-TP Datasheet
1Mb / 4P
I-Line Bi-directional TVS Diode
logo
Texas Instruments
ESD701DPYRQ1 TI-ESD701DPYRQ1 Datasheet
1Mb / 16P
ESD701-Q1 Automotive Low Capacitance ESD Diode for RF and ADAS Signal Protection
NOVEMBER 2024
More results


Similar Description - ESD701DPYR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
Jan-1998
logo
Littelfuse
SP3050 LITTELFUSE-SP3050 Datasheet
282Kb / 7P
Low Capacitance Diode Array for ESD and Surge Protection
logo
ON Semiconductor
ESD8472MUT5G ONSEMI-ESD8472MUT5G Datasheet
180Kb / 4P
Ultra-Low Capacitance RF ESD Protection Micro.Packaged Diodes for ESD Protection
September, 2012 ??Rev. 1
logo
Comchip Technology
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
CPDU5V0USP-HF COMCHIP-CPDU5V0USP-HF Datasheet
336Kb / 4P
Low Capacitance ESD Protection Diode
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
CPDU5V0USP-HF COMCHIP-CPDU5V0USP-HF Datasheet
336Kb / 4P
Low Capacitance ESD Protection Diode
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF_15 Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
Low Capacitance Array for ESD Protection Diode
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com