Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89655AR Datasheet (PDF) - fujitsu semiconductor

MB89655AR Datasheet PDF - fujitsu semiconductor
Part # MB89655AR
Download  MB89655AR Download
File Size   509.51 Kbytes
Page   48 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89655AR Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89655AR Datasheet PDF - fujitsu semiconductor

Part # MB89655AR
Download  MB89655AR Click to download

File Size   509.51 Kbytes
Page   48 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89655AR Datasheet (HTML) - fujitsu semiconductor


MB89655AR Product details

■ DESCRIPTION

The MB89650AR series has been developed as a general-purpose version of the F2MC*-8L family consisting of proprietary 8-bit, single-chip microcontrollers.

In addition to a compact instruction set, the microcontrollers contain a variety of peripheral functions such as dual-clock control system, five operating speed control stages, timers, PWM timers, a serial interface, an A/D converter, external interrupts, an LCD controller/driver, and a watch prescaler.



■ FEATURES

• F2MC-8L family CPU core

• Dual-clock control system

• Maximum memory space: 64 Kbytes

• Minimum execution time: 0.4 µs/10 MHz

• Interrupt processing time: 3.6 µs/10 MHz

• I/O ports: max. 64 channels

• 21-bit time-base counter

• 8-bit PWM timers: 2 channels (A maximum of 4 channels can be used for output.)

• 8/16-bit timer/counter: 4 channels (16 bits × 2 channels)

• 8-bit serial I/O: 1 channel

• 8-bit A/D converter: 8 channels

• External interrupt 1

  Four independent channels with edge detection function

• External interrupt 2 (wake-up function)

  Twelve “L” level-interrupt channels

• Watch prescaler

• LCD controller/driver: 16 to 32 segments × 2 to 4 commons

• Power-on reset function

• Low-power consumption modes (subclock mode, watch mode, sleep mode, and stop mode)

• SQFP-100 and QFP-100 packages



 




Similar Part No. - MB89655AR

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89655AR FUJITSU-MB89655AR Datasheet
779Kb / 52P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89655AR

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89160 FUJITSU-MB89160 Datasheet
845Kb / 53P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com