Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F314 Datasheet (PDF) - fujitsu semiconductor

MB91F314 Datasheet PDF - fujitsu semiconductor
Part # MB91F314
Download  MB91F314 Download
File Size   809.07 Kbytes
Page   73 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit Microcontroller

MB91F314 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB91F314 Datasheet PDF - fujitsu semiconductor

Part # MB91F314
Download  MB91F314 Click to download

File Size   809.07 Kbytes
Page   73 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit Microcontroller

MB91F314 Datasheet (HTML) - fujitsu semiconductor


MB91F314 Product details

■DESCRIPTION

The FR family* is a line of single-chip microcontrollers based on the 32-bit high-performance RISC CPU while

integrating a variety of I/O resources for embedded control applications which require high-performance, high

speed CPU processing. The FR family contains multiple channels of data slicer and communication macros, best suited for embedded applications such as TV control.



■FEATURES

1. FR CPU

• 32-bit RISC, load/store architecture with a five-stage pipeline

• Operating frequency 33 MHz [PLL used : Oscillation frequency 16.5 MHz : Doubled]

• 16-bit fixed length instructions (basic instructions), 1 instruction per cycle

• Instruction set optimized for embedded applications : Memory-to-memory transfer, bit manipulation, barrel shift instructions etc.

• Instructions adapted for high-level languages : Functionentry/exit instructions, multiple-register load/store

instructions

• Register interlock functions : Facilitating coding in assemblers

• On-chip multiplier supported at the instruction level

   Signed 32-bit multiplication : 5 cycles

   Signed 16-bit multiplication : 3 cycles

• Interrupt (PC, PS save) : 6 cycles, 16 priority levels

• Harvard architecture allowing program accessand data access to be executed simultaneously

• Instruction prefetch feature added by a 4-word queue in the CPU

• Instruction set compatible with FR family



2. Simple External Bus interface

Capable of functioning 8-bit or 16-bit multiplex bus by setting with program

• Operating frequency : Max 16.5 MHz

• 8/16-bit data/address multiplex I/O

• Capable of chip-select signal output for completelyindependent four areas settable in 64 Kbytes minimum

• Basic bus cycle : 2 cycles

• Programmable automatic wait cycle generator capable of inserting wait cycles for each area



3. Internal Memory

MB91314A : 256 Kbytes Mask ROM, RAM 32 Kbytes

MB91F314 : 512 Kbytes Flash, RAM 32 Kbytes



4. DMAC (DMA Controller)

• 5 channels

• Two forwarding factors (internal peripheral/software)

• Addressing mode 20/24-bit address selection (increment/decrement/fixed)

• Transfer modes (burst transfer/step transfer/block transfer)

• Selectable transfer data size : 8, 16, or 32 bits



5. Bit Search Module (for REALOS)

   Search for the position of the bit 1/0-changed first in one word from the MSB



6. Reload Timer (Including 1 Channel for REALOS)

• 16-bit timer ch.6

• The internal clock is optional from 2/8/32 division



7. Multi function Serial Interface

• 11 channels

• Full duplex double buffer

• Capable of selecting communication mode : asynchronous (Start-Stop synchronous) communication, clock synchronous communication (8.25 Mbps Max), I2C* standard mode (100 kbps Max), high-speed mode (400 kbps Max)

• Parity on/off selectable

• Baud rate generator per channel

• Abundant error detection functions are provided (parity, frame, and overrun)

• External clock can be used as transfer clock

• Ch.0 to ch.2 correspond to DMA transfer.

• Ch.0 to ch.2 have a pair of 16 bytes FIFO buffers for transmission and reception.

• I2C bridge feature (among channels 0, 1, and 2)

• SPI mode



8. Interrupt Controller

• A total of 24 external interrupt lines (external interrupt pins INT23 to INT0)

• Interrupt from internal peripheral

• Programmable 16 priority levels

• Available for wakeup from STOP mode



9. A/D converter

• 10-bit resolution, 10 channels

• Successive approximation type : conversion time : About 8.0 µs

• Conversion mode (Single-shot conversion mode, scan conversion mode)

• Startup sources (software/external trigger)



10. PPG

• 4 channels

• 16-bit down counter, 16-bit data register with cycle setting buffer

• The internal clock is optional from 1/4/16/64 division

• Support for automatic cycle setting by DMA transfer

• Function for supporting remote control transmission



11. PWC

• 1 channel (1 input)

• 16-bit up counter

• Simple digital lowpass filter



12. Multi-function timer

• 4 channels

• Lowpass filter eliminating noise below a pre-set clock frequency

• Capable of pulse width measurement using seven types of clock signals

• Pin input event count function

• Interval timer function using seven types of clock signals and external input clock

• Internal HSYNC counter mode



13. Closed caption decoder feature

• 1 channel

• CC decoder function

• ID-1 (480i/480p) decoder function



14. Other interval timers

• Watch timer (32 kHz, Count up to 2 seconds)

• Watchdog timer



15. I/O port

   Max 78 ports



16. Other features

• Internal oscillator circuit as a clock source

• INITis prepared as a reset terminal

• Watchdog timer reset and software reset are available

• Stop and sleep modes supported aslow-power consumption modes

• Gear function

• Built-in time base timer

• 5 V tolerant I/O (some pins)

• Package LQFP-120, 0.50 mm pitch, 16.0 mm ×16.0 mm

• CMOS technology (0.18µm)

• Power supply voltage 3.3 V ±0.3 V, 1.8 V ±0.15 V dual-power




Similar Part No. - MB91F314

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F312A FUJITSU-MB91F312A Datasheet
599Kb / 59P
Proprietary 32-bit Microcontroller CMOS
MB91F312A FUJITSU-MB91F312A Datasheet
551Kb / 59P
Proprietary 32-bit Microcontroller
MB91F312APFV-1XX-BND-E1 FUJITSU-MB91F312APFV-1XX-BND-E1 Datasheet
551Kb / 59P
Proprietary 32-bit Microcontroller
MB91F313 FUJITSU-MB91F313 Datasheet
815Kb / 71P
32-bit Microcontroller
MB91F318A FUJITSU-MB91F318A Datasheet
735Kb / 66P
32-bit Microcontroller
More results


Similar Description - MB91F314

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
32-BIT MICROCONTROLLER
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
32-BIT MICROCONTROLLER
M451LG6AE ETC2-M451LG6AE Datasheet
4Mb / 219P
32-bit Microcontroller
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
32-bit Microcontroller
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
32-BIT MICROCONTROLLER
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
32-bit Microcontroller
NUC122-64P NUVOTON-NUC122-64P Datasheet
1Mb / 17P
32-BIT MICROCONTROLLER
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com