Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002BKS Datasheet (PDF) - Nexperia B.V. All rights reserved

2N7002BKS Datasheet PDF - Nexperia B.V. All rights reserved
Part # 2N7002BKS
Download  2N7002BKS Download
File Size   298.18 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 300 mA dual N-channel Trench MOSFET

2N7002BKS Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002BKS Datasheet PDF - Nexperia B.V. All rights reserved

Part # 2N7002BKS
Download  2N7002BKS Click to download

File Size   298.18 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 300 mA dual N-channel Trench MOSFET

2N7002BKS Datasheet (HTML) - Nexperia B.V. All rights reserved


2N7002BKS Product details

1. General description
Dual N-channel enhancement mode Field-Effect Transistor (FET) in a very small SOT363 (SC-88)
Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

2. Features and benefits
• Logic-level compatible
• Very fast switching
• Trench MOSFET technology
• ESD protection up to 2 kV
• AEC-Q101 qualified

3. Applications
• Relay driver
• High-speed line driver
• Low-side load switch
• Switching circuits




Similar Part No. - 2N7002BKS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002BKS NXP-2N7002BKS Datasheet
384Kb / 16P
60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2-23 September 2010
2N7002BKS PHILIPS-2N7002BKS Datasheet
384Kb / 16P
60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2-23 September 2010
logo
Nexperia B.V. All right...
2N7002BKS NEXPERIA-2N7002BKS Datasheet
931Kb / 16P
60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2 - 23 September 2010
logo
NXP Semiconductors
2N7002BKS PHILIPS-2N7002BKS_15 Datasheet
384Kb / 16P
60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2-23 September 2010
More results


Similar Description - 2N7002BKS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002BKS NXP-2N7002BKS Datasheet
384Kb / 16P
60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2-23 September 2010
2N7002-215 NXP-2N7002-215 Datasheet
159Kb / 13P
60 V, 300 mA N-channel Trench MOSFET
Rev. 7-8 September 2011
BSS138PS NXP-BSS138PS Datasheet
374Kb / 16P
60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010
2N7002 NXP-2N7002 Datasheet
159Kb / 13P
60 V, 300 mA N-channel Trench MOSFET
Rev. 7-8 September 2011
2N7002BKV NXP-2N7002BKV Datasheet
379Kb / 16P
60 V, 340 mA dual N-channel Trench MOSFET
Rev. 2-22 September 2010
BSS138BKS PHILIPS-BSS138BKS Datasheet
861Kb / 18P
60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011
2N7002BKS PHILIPS-2N7002BKS_15 Datasheet
384Kb / 16P
60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2-23 September 2010
logo
Nexperia B.V. All right...
2N7002BKS NEXPERIA-2N7002BKS Datasheet
931Kb / 16P
60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2 - 23 September 2010
2N7002 NEXPERIA-2N7002 Datasheet
855Kb / 13P
60 V, 300 mA N-channel Trench MOSFET
Rev. 7 - 8 September 2011
2N7002BKV NEXPERIA-2N7002BKV Datasheet
281Kb / 14P
60 V, 340 mA dual N-channel Trench MOSFET
28 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com