Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1789083 Datasheet (PDF) - PHOENIX CONTACT

1789083 Datasheet PDF - PHOENIX CONTACT
Part # 1789083
Download  1789083 Download
File Size   723.63 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 9-G-3,5 P14 THR - PCB header

1789083 Datasheet (PDF)

Go To PDF Page Download Datasheet
1789083 Datasheet PDF - PHOENIX CONTACT

Part # 1789083
Download  1789083 Click to download

File Size   723.63 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 9-G-3,5 P14 THR - PCB header

1789083 Datasheet (HTML) - PHOENIX CONTACT


1789083 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 9, number
of rows: 1, number of positions: 9, number of connections: 9, product range: MC 1,5/..-G-THR,
pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder pin
[P]: 1.4 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1789083

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1789080000 WEIDMULLER-1789080000 Datasheet
725Kb / 8P
BL-I/O 3.50/10FP PNP LED SN BK BX
More results


Similar Description - 1789083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1788945 PHOENIX-1788945 Datasheet
112Kb / 4P
Printed-circuit board connector - MC 1,5/ 2-G-3,5 P14 THR
1788961 PHOENIX-1788961 Datasheet
112Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-G-3,5 P14 THR
1844281 PHOENIX-1844281 Datasheet
162Kb / 5P
MC 1,5/ 9-G-3,5
1789106 PHOENIX-1789106 Datasheet
111Kb / 4P
Printed-circuit board connector - MC 1,5/10-G-3,5 P14 THR
1789122 PHOENIX-1789122 Datasheet
139Kb / 7P
Printed-circuit board connector - MC 1,5/11-G-3,5 P14 THR
1788987 PHOENIX-1788987 Datasheet
152Kb / 10P
Printed-circuit board connector - MC 1,5/ 4-G-3,5 P14 THR
09/12/2020
1788563 PHOENIX-1788563 Datasheet
790Kb / 16P
PCB header - MC 1,5/ 5-G-3,5 P26 THR
Nov 30, 2022
1731743 PHOENIX-1731743 Datasheet
519Kb / 13P
MC 1,5/ 9-G-3,5-RN - PCB header
1782381 PHOENIX-1782381 Datasheet
630Kb / 11P
MC 1,5/ 5-G-3,81 P14 THR - PCB header
1782433 PHOENIX-1782433 Datasheet
625Kb / 11P
MC 1,5/10-G-3,81 P14 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com