Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-5033 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-5033 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-5033
Download  AMMC-5033 Download
File Size   398.83 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 17.7 - 32 GHz Power Amplifier

AMMC-5033 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-5033 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5033
Download  AMMC-5033 Click to download

File Size   398.83 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 17.7 - 32 GHz Power Amplifier

AMMC-5033 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-5033 Product details

Description
Avago’s AMMC-5033 is a MMIC power amplifier designed for use in wireless transmitters that operate within 17.7 GHz to 32 GHz range. At 25 GHz, it provides 27 dBm of output power (P-1dB) and 20 dB of small- signal gain from a small easy-to-use device. The device has input and output matching circuitry for use in 50 Ω environments. The AMMC- 5033 also integrates a temperature compensated RF power detection circuit that enables power detection of 0.1V/W at 22 GHz. For improved reliability and moisture protection, the die is passivated at the active areas.

Features
• Wide frequency range: 17.7 – 32 GHz
• High power: P-1dB @ 25 GHz = 27 dBm
• High gain: 20 dB
• Return loss: Input: -13 dB, Output: –20 dB
• Integrated RF power detector

Applications
• Designed for use in transmitters that operate in various frequency bands between 17.7 GHz and 32 GHz.
• Can be driven by the AMMC-5040 (20-40 GHz) or the AMMC-5618 (6-20 GHz) MMIC amplifiers, increasing the power handling capability of transmitters requiring linear operation.




Similar Part No. - AMMC-5033

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-5033 BOARDCOM-AMMC-5033 Datasheet
371Kb / 9P
17.7 - 32 GHz Power Amplifier
More results


Similar Description - AMMC-5033

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5290 UMS-CHA5290 Datasheet
118Kb / 6P
17.7-24GHz Medium Power Amplifier
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
logo
Eudyna Devices Inc
FMM5811GJ-1 EUDYNA-FMM5811GJ-1 Datasheet
132Kb / 4P
17.7-23.6GHz Power Amplifier MMIC
FMM5815GJ-1 EUDYNA-FMM5815GJ-1 Datasheet
95Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
logo
Tyco Electronics
MAAP-000072-PKG003 MACOM-MAAP-000072-PKG003 Datasheet
207Kb / 4P
Amplifier, Power, 1.3W 17.7-19.7 GHz
logo
United Monolithic Semic...
CHA6362-QXG UMS-CHA6362-QXG Datasheet
1Mb / 16P
17.7 - 19.7GHz Power Amplifier
logo
Renesas Technology Corp
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
logo
Broadcom Corporation.
AMMC-5033 BOARDCOM-AMMC-5033 Datasheet
371Kb / 9P
17.7 - 32 GHz Power Amplifier
logo
Qorvo, Inc
CMD217 QORVO-CMD217 Datasheet
112Kb / 8P
28-32 GHz GaN Power Amplifier
logo
Renesas Technology Corp
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com