Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-9100 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSDL-9100 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSDL-9100
Download  HSDL-9100 Download
File Size   356.86 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Surface-Mount Proximity Sensor

HSDL-9100 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-9100 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-9100
Download  HSDL-9100 Click to download

File Size   356.86 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Surface-Mount Proximity Sensor

HSDL-9100 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HSDL-9100 Product details

Description
The HSDL-9100 is an analog-output reflective sensor with an integrated high efficiency infrared emitter and photodiode housed in a small form factor SMD package. The optical proximity sensor is housed in a specially designed metal-shield to ensure excellent optical isolation resulting in low optical cross-talk.

Features
● Excellent optical isolation resulting in near zero optical cross-talk
● High efficiency emitter and high sensitivity photodiode for high signal-to-noise ratio
● Low cost & lead-free miniature surface-mount package Height – 2.40 or 2.70 mm Width – 2.75 mm Length – 7.10 mm
● Can be paired up with signal conditioning IC (APDS-9700)
● Detect objects from near zero to 60mm
● Low dark current
● Guaranteed Temperature Performance -40°C to 85°C
● Lead-free and RoHS Compliant

Applications
● Mobile phones
● Notebooks
● Industrial Control
● Printers, Photocopiers and Facsimile machines
● Home Appliances
● Vending Machines




Similar Part No. - HSDL-9100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100-021 AVAGO-HSDL-9100-021 Datasheet
209Kb / 13P
Surface-Mount Proximity Sensor
HSDL-9100-024 AVAGO-HSDL-9100-024 Datasheet
209Kb / 13P
Surface-Mount Proximity Sensor
HSDL-9100 AVAGO-HSDL-9100_09 Datasheet
209Kb / 13P
Surface-Mount Proximity Sensor
More results


Similar Description - HSDL-9100

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100 AVAGO-HSDL-9100_09 Datasheet
209Kb / 13P
Surface-Mount Proximity Sensor
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
574339 FESTO-574339 Datasheet
87Kb / 2P
Proximity sensor
574342 FESTO-574342 Datasheet
91Kb / 2P
Proximity sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com