Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-9100 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-9100
Description  Surface-Mount Proximity Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-9100 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-9100 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image

Block Layout
Figure 1. Block Layout of HSDL-9100
Pins Configuration Table
Notes:
Voltage to supply across the LED; VLED
Absolute Maximum Ratings (Ta=25°C)
Electrical-Optical Characteristics (Ta=25°C)
Note:
1. ILed = 300mA Pulse, 5% Duty Cycle (Kodak 18% Reflectance Gray Card)
LED
Photodiode
LED_A
LED_K
DET_K
DET_A
TOP VIEW
1



** L = 0 (zero light condition)
Pin
Symbol
Description
Notes
1
LED_A
LED Anode
1
2
LED_K
LED Cathode
-
3
DET_A
Photodiode Anode
-
4
DET_K
Photodiode Cathode
-
Parameter
Symbol
Ratings
Units
Min.
Max
Emitter
Continuous Forward Current
IDC
-
100
mA
Coupled
Total Power Dissipation (refer to Figure 1)
Operating Temperature
Storage Temperature
Reflow Soldering Temperature
PTOT
TOP
TSTG
TSOL
-
-40
-40
-
165
+85
+100
260
mW
°C
°C
°C
Parameter
Symbol
Test Condition
Ratings
Units
Min
Typ
Max
Emitter
Forward Voltage
Reverse Voltage
Peak Wavelength
Spectrum Width of Half Value
VF
VR
lp
Dp
IF = 100mA
IR = 10uA
IF = 20mA
IF = 20mA
-
5
-
-
1.50
-
940
50
1.65
-
-
-
V
V
nm
nm
Detector
Dark Current
Forward Voltage
Reverse Breakdown Voltage
IDark
VF
VBR
VR = 10V, L**
= 0
IF = 10mA , L=0
IR = 100uA, L
= 0
-
0.5
-
2
-
-
10
1.3
35
nA
V
V
Coupled
Output Current
Peak Output Distance
Operating Cross Talk Current
Rise Time (LED)
Fall Time (LED)
Rise Time (Photodiode)
Fall Time (Photodiode)
IO
DO
IFD
TRL
TFL
TRD
TRD
Refer to Fig 2
Refer Note 1
Refer to Fig 3
RL = 50W
RL = 50W
RL = 5.1KW
RL = 5.1KW
-
-
-
-
-
-
-
0.1
5
-
50
50
6
6
-
-
200
-
-
-
-
mA
mm
nA
ns
ns
ms
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com