Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273370 Datasheet (PDF) - PHOENIX CONTACT

3273370 Datasheet PDF - PHOENIX CONTACT
Part # 3273370
Download  3273370 Download
File Size   253.12 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 6/12X2,5 OG - Distribution block

3273370 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273370 Datasheet PDF - PHOENIX CONTACT

Part # 3273370
Download  3273370 Click to download

File Size   253.12 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 6/12X2,5 OG - Distribution block

3273370 Datasheet (HTML) - PHOENIX CONTACT


3273370 Product details

Distribution block, Basic terminal block with supply, nom. voltage: 450 V, nominal current: 24 A,
number of connections: 13, connection method: Push-in connection, Load contact, cross section:
0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross section:
0.5 mm2 - 10 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with
flange, Free-hanging, color: orange

Your advantages
• Space savings of up to 50 % on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time savings of up to 80 %, thanks to ready-to-mount blocks without manual bridging
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology




Similar Part No. - 3273370

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273374 PHOENIX-3273374 Datasheet
712Kb / 32P
Distribution block - PTFIX 6/18X2,5 GY
May 13, 2022
3273376 PHOENIX-3273376 Datasheet
255Kb / 10P
PTFIX 6/18X2,5 BU - Distribution block
3273378 PHOENIX-3273378 Datasheet
712Kb / 32P
Distribution block - PTFIX 6/18X2,5 RD
Jun 2, 2022
More results


Similar Description - 3273370

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273352 PHOENIX-3273352 Datasheet
710Kb / 32P
Distribution block - PTFIX 6/12X2,5 GY
Jun 2, 2022
3273106 PHOENIX-3273106 Datasheet
907Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35 OG
Jun 24, 2022
3273500 PHOENIX-3273500 Datasheet
624Kb / 29P
Distribution block - PTFIX 6/12X2,5-G OG
Jun 29, 2022
3273304 PHOENIX-3273304 Datasheet
708Kb / 31P
Distribution block - PTFIX 12X2,5 OG
Jun 13, 2022
3273040 PHOENIX-3273040 Datasheet
851Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 OG
Jul 6, 2022
3273172 PHOENIX-3273172 Datasheet
905Kb / 38P
Distribution block - PTFIX 12X2,5-NS35A OG
Jun 22, 2022
3274140 PHOENIX-3274140 Datasheet
626Kb / 29P
Distribution block - PTFIX 12X2,5-NS15A OG
Jun 24, 2022
3273434 PHOENIX-3273434 Datasheet
623Kb / 28P
Distribution block - PTFIX 12X2,5-G OG
Jun 29, 2022
3274206 PHOENIX-3274206 Datasheet
912Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS15A OG
Jul 20, 2022
3273238 PHOENIX-3273238 Datasheet
907Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35A OG
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com