Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273374 Datasheet (PDF) - PHOENIX CONTACT

3273374 Datasheet PDF - PHOENIX CONTACT
Part # 3273374
Download  3273374 Download
File Size   712.95 Kbytes
Page   32 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/18X2,5 GY

3273374 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273374 Datasheet PDF - PHOENIX CONTACT

Part # 3273374
Download  3273374 Click to download

File Size   712.95 Kbytes
Page   32 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/18X2,5 GY

3273374 Datasheet (HTML) - PHOENIX CONTACT


3273374 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage:450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging, color: gray

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology




Similar Part No. - 3273374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273370 PHOENIX-3273370 Datasheet
253Kb / 10P
PTFIX 6/12X2,5 OG - Distribution block
3273376 PHOENIX-3273376 Datasheet
255Kb / 10P
PTFIX 6/18X2,5 BU - Distribution block
3273378 PHOENIX-3273378 Datasheet
712Kb / 32P
Distribution block - PTFIX 6/18X2,5 RD
Jun 2, 2022
More results


Similar Description - 3273374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1091673 PHOENIX-1091673 Datasheet
724Kb / 32P
Distribution block - PTFIX 6/18X2,5 BUWH
Jun 2, 2022
3273044 PHOENIX-3273044 Datasheet
854Kb / 36P
Distribution block - PTFIX 18X2,5-NS35 GY
Jun 2, 2022
3273242 PHOENIX-3273242 Datasheet
912Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35A GY
Jun 2, 2022
3274144 PHOENIX-3274144 Datasheet
626Kb / 29P
Distribution block - PTFIX 18X2,5-NS15A GY
Jun 3, 2022
3273110 PHOENIX-3273110 Datasheet
909Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35 GY
May 13, 2022
3273308 PHOENIX-3273308 Datasheet
712Kb / 32P
Distribution block - PTFIX 18X2,5 GY
Jun 7, 2022
3273504 PHOENIX-3273504 Datasheet
625Kb / 29P
Distribution block - PTFIX 6/18X2,5-G GY
Jun 15, 2022
3273438 PHOENIX-3273438 Datasheet
624Kb / 28P
Distribution block - PTFIX 18X2,5-G GY
Jun 29, 2022
3274210 PHOENIX-3274210 Datasheet
919Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS15A GY
Jun 22, 2022
3273176 PHOENIX-3273176 Datasheet
907Kb / 38P
Distribution block - PTFIX 18X2,5-NS35A GY
Jun 13, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com