Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273374 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3273374
Description  Distribution block - PTFIX 6/18X2,5 GY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273374 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3273374 Datasheet HTML 1Page - PHOENIX CONTACT 3273374 Datasheet HTML 2Page - PHOENIX CONTACT 3273374 Datasheet HTML 3Page - PHOENIX CONTACT 3273374 Datasheet HTML 4Page - PHOENIX CONTACT 3273374 Datasheet HTML 5Page - PHOENIX CONTACT 3273374 Datasheet HTML 6Page - PHOENIX CONTACT 3273374 Datasheet HTML 7Page - PHOENIX CONTACT 3273374 Datasheet HTML 8Page - PHOENIX CONTACT 3273374 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage:
450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross
section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross
section: 0.5 mm2 - 10 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting
with flange, Free-hanging, color: gray
Your advantages
Space savings of up to 50% on the DIN rail, thanks to transverse mounting
•
Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
•
Clear wiring, thanks to eleven different color variants
•
Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
•
Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
•
Distribution block - PTFIX 6/18X2,5 GY
3273374
https://www.phoenixcontact.com/us/products/3273374
May 13, 2022, 7:30 AM
Page 1 (32)


Similar Part No. - 3273374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273370 PHOENIX-3273370 Datasheet
253Kb / 10P
PTFIX 6/12X2,5 OG - Distribution block
3273376 PHOENIX-3273376 Datasheet
255Kb / 10P
PTFIX 6/18X2,5 BU - Distribution block
3273378 PHOENIX-3273378 Datasheet
712Kb / 32P
Distribution block - PTFIX 6/18X2,5 RD
Jun 2, 2022
More results

Similar Description - 3273374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1091673 PHOENIX-1091673 Datasheet
724Kb / 32P
Distribution block - PTFIX 6/18X2,5 BUWH
Jun 2, 2022
3273044 PHOENIX-3273044 Datasheet
854Kb / 36P
Distribution block - PTFIX 18X2,5-NS35 GY
Jun 2, 2022
3273242 PHOENIX-3273242 Datasheet
912Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35A GY
Jun 2, 2022
3274144 PHOENIX-3274144 Datasheet
626Kb / 29P
Distribution block - PTFIX 18X2,5-NS15A GY
Jun 3, 2022
3273110 PHOENIX-3273110 Datasheet
909Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35 GY
May 13, 2022
3273308 PHOENIX-3273308 Datasheet
712Kb / 32P
Distribution block - PTFIX 18X2,5 GY
Jun 7, 2022
3273504 PHOENIX-3273504 Datasheet
625Kb / 29P
Distribution block - PTFIX 6/18X2,5-G GY
Jun 15, 2022
3273438 PHOENIX-3273438 Datasheet
624Kb / 28P
Distribution block - PTFIX 18X2,5-G GY
Jun 29, 2022
3274210 PHOENIX-3274210 Datasheet
919Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS15A GY
Jun 22, 2022
3273176 PHOENIX-3273176 Datasheet
907Kb / 38P
Distribution block - PTFIX 18X2,5-NS35A GY
Jun 13, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com