Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC33420 Datasheet (PDF) - Texas Instruments

UCC33420 Datasheet PDF - Texas Instruments
Part # UCC33420
Download  UCC33420 Download
File Size   1166.3 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC33411-Q1 Ultra-Small, 1.0W, 3.3V, 5kVRMS Isolation, Automotive DC/DC Module

UCC33420 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC33420 Datasheet PDF - Texas Instruments

Part # UCC33420
Download  UCC33420 Click to download

File Size   1166.3 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC33411-Q1 Ultra-Small, 1.0W, 3.3V, 5kVRMS Isolation, Automotive DC/DC Module

UCC33420 Datasheet (HTML) - Texas Instruments


UCC33420 Product details

1 Features
• 1.0W maximum output power
• 4.5V to 5.5V input voltage operation range
• 3.3V, 3.7V regulated selectable output voltage
– 3.3V: 300mA available load current
• 0.5% typical load regulation
• 4mV/V typical line regulation
• Robust isolation barrier:
– Isolation rating: 5kVRMS
– Surge capability: 10.4kVPK
– Working voltage: 1700VPK
– ± 8KV IEC 61000-4-2 contact discharge
protection across isolation barrier
– 250V/ns common mode transient immunity
• Power dense isolated DC/DC module with
integrated transformer technology
• Adaptive spread spectrum modulation (SSM)
• Meets CISPR-25 Class 5 emission
• Strong magnetic fields immunity
• Overload and short circuit protection
• Thermal shutdown
• Low inrush current soft-start
• Enable pin with fault reporting mechanism
• Functional Safety-Capable
– Documentation will be available to aid
functional safety system design
• Planned Safety-related certifications:
– Reinforced isolation per DIN EN IEC 60747-17
(VDE 0884-17)
– 5kVRMS isolation for 1 minute per UL 1577 /
CSA
• AEC-Q100 qualified with the following results:
– Device temperature Grade 1: –40°C to 125°C
ambient operating temperature
• SOIC-16 (5.85mm × 7.50mm) package

2 Applications
• Battery-Management Systems (BMS)
• HEV/EV OBC and DC/DC converter
• Traction inverters
• Isolated bias power for digital isolators
• Isolated bias power for RS-485, RS-422 and CAN

3 Description
UCC33411-Q1 is an automotive qualified DC/DC
power module with integrated transformer technology
designed to provide 1.0W of isolated output power.
It can support an input voltage operation range of
4.5V to 5.5V and regulate 3.3V output voltage with a
selectable headroom of 3.7V.
UCC33411-Q1 features a proprietary transformer
architecture that achieves a 5kVRMS isolation rating,
while simultaneously supporting low EMI and
excellent load regulation.
The UCC33411-Q1 integrates protection features for
increased system robustness such as enable pin with
fault reporting mechanism, short circuit protection and
thermal shutdown.
The UCC33411-Q1 comes in a miniaturized, lowprofile
solution SOIC (5.85mm × 7.50mm) package
with 2.65mm height and > 8.2mm creepage and
clearance




Similar Part No. - UCC33420

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC33420 TI1-UCC33420 Datasheet
575Kb / 9P
UCC33420 Ultra-Small, 1.5W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
FEBRUARY 2024
UCC33420 TI-UCC33420 Datasheet
1Mb / 26P
UCC33421-Q1 Ultra-Small, 1.5W, 5.0V, 5kVRMS Isolation, Automotive DC/DC Module
NOVEMBER 2024
UCC33420 TI-UCC33420 Datasheet
1Mb / 27P
UCC33421-Q1 Ultra-Small, 1.5W, 5.0V, 5kVRMS Isolation, Automotive DC/DC Module
NOVEMBER 2024
UCC33420 TI-UCC33420 Datasheet
1Mb / 33P
UCC33020-Q1 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Automotive DC/DC Module
DECEMBER 2024
UCC33420 TI-UCC33420 Datasheet
1Mb / 32P
UCC33420-Q1 Ultra-Small, 1.5W, 5.0V, 3kVRMS Isolation, Automotive DC/DC Module
DECEMBER 2024
More results


Similar Description - UCC33420

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A300RUI MPD-A300RUI Datasheet
89Kb / 2P
3W, Ultra-Wide Input High Isolation DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
H100I MPD-H100I Datasheet
180Kb / 2P
Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
MHI300ARI6 MPD-MHI300ARI6 Datasheet
527Kb / 2P
Compact, 3W DIP Ultra-High Isolation DC/DC Converters
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
450Kb / 2P
Compact, 10W Ultra-High Isolation DC/DC Converters
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
Compact , 15W Ultra-High Isolation DC/DC Converters
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
Compact, 20W Ultra-High Isolation DC/DC Converters
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com