Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC33420 Datasheet (PDF) - Texas Instruments

UCC33420 Datasheet PDF - Texas Instruments
Part # UCC33420
Download  UCC33420 Download
File Size   1676.85 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC33020-Q1 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Automotive DC/DC Module

UCC33420 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC33420 Datasheet PDF - Texas Instruments

Part # UCC33420
Download  UCC33420 Click to download

File Size   1676.85 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC33020-Q1 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Automotive DC/DC Module

UCC33420 Datasheet (HTML) - Texas Instruments


UCC33420 Product details

1 Features
• 1.0W maximum output power
• 3.0V to 5.5V input voltage operation range
• 5.0V, 5.5V regulated selectable output voltage
– 5.0V: 200mA available load current
• 0.5% typical load regulation
• 4mV/V typical line regulation
• Robust isolation barrier:
– Isolation rating: 3kVRMS
– Surge capability: 6.5kVPK
– Working voltage: 1159VPK
– 200V/ns common mode transient immunity
• Power dense isolated DC/DC module with
integrated transformer technology
• Adaptive spread spectrum modulation (SSM)
• Meets CISPR-25 Class 5 emission
• Strong magnetic fields immunity
• Overload and short circuit protection
• Thermal shutdown
• Low inrush current soft-start
• Enable pin with fault reporting mechanism
• Planned Safety-Related Certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 / CSA component recognition program
– IEC 62368-1 and IEC 60601-1 certifications
• AEC-Q100 qualified with the following results:
– Device temperature Grade 1: –40°C to 125°C
ambient operating temperature
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• VSON-12 (4.0mm × 5.00mm) package

2 Applications
• Battery-Management Systems (BMS)
• HEV/EV OBC and DC/DC converter
• Isolated bias for isolated voltage and current
sensors
• Isolated bias for digital isolators,
• Isolated bias for isolated RS-485, RS-422 and
CAN transceivers

3 Description
UCC33020-Q1 is an automotive qualified DC/DC
power module with integrated transformer technology
designed to provide 1.0W of isolated output power.
It can support an input voltage operation range of
3.0V to 5.5V and regulate 5.0V output voltage with a
selectable headroom of 5.5V.
UCC33020-Q1 features a proprietary transformer
architecture that achieves a 3kVRMS isolation rating,
while simultaneously supporting low EMI and
excellent load regulation.
The UCC33020-Q1 integrates protection features for
increased system robustness such as enable pin with
fault reporting mechanism, short circuit protection and
thermal shutdown.
The UCC33020-Q1 comes in a miniaturized, lowprofile
VSON (4.0mm × 5.00mm) package with
1.00mm height and > 4.1mm clearance and
creepage.




Similar Part No. - UCC33420

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC33420 TI1-UCC33420 Datasheet
575Kb / 9P
UCC33420 Ultra-Small, 1.5W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
FEBRUARY 2024
UCC33420 TI-UCC33420 Datasheet
1Mb / 26P
UCC33421-Q1 Ultra-Small, 1.5W, 5.0V, 5kVRMS Isolation, Automotive DC/DC Module
NOVEMBER 2024
UCC33420 TI-UCC33420 Datasheet
1Mb / 27P
UCC33421-Q1 Ultra-Small, 1.5W, 5.0V, 5kVRMS Isolation, Automotive DC/DC Module
NOVEMBER 2024
UCC33420 TI-UCC33420 Datasheet
1Mb / 28P
UCC33411-Q1 Ultra-Small, 1.0W, 3.3V, 5kVRMS Isolation, Automotive DC/DC Module
NOVEMBER 2024
UCC33420 TI-UCC33420 Datasheet
1Mb / 32P
UCC33420-Q1 Ultra-Small, 1.5W, 5.0V, 3kVRMS Isolation, Automotive DC/DC Module
DECEMBER 2024
More results


Similar Description - UCC33420

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A300RUI MPD-A300RUI Datasheet
89Kb / 2P
3W, Ultra-Wide Input High Isolation DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
H100I MPD-H100I Datasheet
180Kb / 2P
Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
450Kb / 2P
Compact, 10W Ultra-High Isolation DC/DC Converters
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
Compact , 15W Ultra-High Isolation DC/DC Converters
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
Compact, 20W Ultra-High Isolation DC/DC Converters
logo
HALO Electronics, Inc.
TGRTI-310V6LF HALO-TGRTI-310V6LF Datasheet
811Kb / 5P
6 Pin, 3kVrms DC/DC Converter Isolation Modules
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com